Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89130BC-I8T1U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-89130BC-I8T1U
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89130BC-I8T1U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-89130BC-I8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-89130BC-I8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-89130BC-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-89130BC-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-89130BC-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-89130BC-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-89130BC-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-89130BC-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-89130BC-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Rev.1.0_01
S-89130/89140 Series
5
Absolute Maximum Ratings
Table 4
(Ta
= +25°C unless otherwise specified)
Parameter
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
− 0.3 to VSS + 7.0
V
Input voltage
VIN(+), VIN(-)
VSS
− 0.3 to VSS + 7.0
V
Output voltage
VOUT
VSS
− 0.3 to VDD + 0.3
V
Differential input voltage
VIND
±7.0
V
Output pin current
ISOURCE
20.0
mA
ISINK
20.0
mA
Power dissipation
SNT-8A
PD
550*1
mW
TMSOP-8
800*1
mW
Operating ambient temperature
Topr
−40 to +125
°C
Junction temperature
Tj
−55 to +150
°C
Storage temperature
Tstg
−55 to +150
°C
*1.
When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name :
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could
suffer physical damage. These values must therefore not be exceeded under any
conditions.
0
50
100
150
Ambient Temperature (Ta) [
°C]
1000
600
400
800
200
0
TMSOP-8
SNT-8A
Figure 4 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-89130BC-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89130BC-I8T1U SII-S-89130BC-I8T1U Datasheet
1Mb / 26P
   MINI ANALOG SERIES
More results

Similar Description - S-89130BC-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89713B SII-S-89713B Datasheet
952Kb / 23P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89713 SII-S89713 Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89430 SII-S89430 Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430A SII-S-89430A Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com