Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89110ANC-1A1-TFz Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-89110ANC-1A1-TFz
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89110ANC-1A1-TFz Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-89110ANC-1A1-TFz Datasheet HTML 3Page - Seiko Instruments Inc S-89110ANC-1A1-TFz Datasheet HTML 4Page - Seiko Instruments Inc S-89110ANC-1A1-TFz Datasheet HTML 5Page - Seiko Instruments Inc S-89110ANC-1A1-TFz Datasheet HTML 6Page - Seiko Instruments Inc S-89110ANC-1A1-TFz Datasheet HTML 7Page - Seiko Instruments Inc S-89110ANC-1A1-TFz Datasheet HTML 8Page - Seiko Instruments Inc S-89110ANC-1A1-TFz Datasheet HTML 9Page - Seiko Instruments Inc S-89110ANC-1A1-TFz Datasheet HTML 10Page - Seiko Instruments Inc S-89110ANC-1A1-TFz Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Rev.3.1_01
S-89110/89120 Series
7
Electrical Characteristics
Table 8
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Range of operating power supply
voltage
VDD
1.8
5.5
V
1. VDD = 5.0 V
Table 9
DC Electrical Characteristics (VDD = 5.0 V)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Current consumption (per circuit)
IDD
S-89110 Series
50
120
μA
5
S-89120 Series
10
30
μA
5
Input offset voltage
VIO
−4
±3
+4
mV
1
Input offset voltage drift
ΔVIO
ΔTa
Ta =
−40°C to +85°C
±10
μV/°C
1
Input offset current
IIO
1
pA
Input bias current
IBIAS
1
pA
Common-mode input voltage range
VCMR
0
4.3
V
2
Voltage gain (open loop)
AVOL
VSS
+ 0.5 V ≤ VOUT ≤ VDD − 0.5 V,
VCMR = 2.5 V
70
80
dB
8
Maximum output swing voltage
VOH
RL = 1.0 M
Ω
4.9
V
3
VOL
RL = 1.0 M
Ω
0.1
V
4
Common-mode input signal
rejection ratio
CMRR
60
70
dB
2
Power supply voltage rejection ratio
PSRR
60
70
dB
1
Source current
ISOURCE VOUT = 0 V
S-89110 Series
120
μA
6
S-89120 Series
25
μA
6
Sink current
ISINK
VOUT = 0.5 V
9
mA
7
Table 10
AC Electrical Characteristics (VDD = 5.0 V)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Slew rate
SR
RL = 1.0 M
Ω, CL = 15 pF
(Refer to Figure 16)
S-89110 Series
0.07
V/
μs
S-89120 Series
0.015
V/
μs
Gain-bandwidth product
GBP
S-89110 Series
180
kHz
S-89120 Series
40
kHz


Similar Part No. - S-89110ANC-1A1-TFz

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89110ANC-1A1-TFZ SII-S-89110ANC-1A1-TFZ Datasheet
1Mb / 34P
   MINI ANALOG SERIES
More results

Similar Description - S-89110ANC-1A1-TFz

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89713B SII-S-89713B Datasheet
952Kb / 23P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89713 SII-S89713 Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89430 SII-S89430 Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430A SII-S-89430A Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com