Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S35190A-H Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S35190A-H
Description  FOR AUTOMOTIVE 105째C OPERATION 3-WIRE REAL-TIME CLOCK
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35190A-H Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S35190A-H Datasheet HTML 33Page - Seiko Instruments Inc S35190A-H Datasheet HTML 34Page - Seiko Instruments Inc S35190A-H Datasheet HTML 35Page - Seiko Instruments Inc S35190A-H Datasheet HTML 36Page - Seiko Instruments Inc S35190A-H Datasheet HTML 37Page - Seiko Instruments Inc S35190A-H Datasheet HTML 38Page - Seiko Instruments Inc S35190A-H Datasheet HTML 39Page - Seiko Instruments Inc S35190A-H Datasheet HTML 40Page - Seiko Instruments Inc S35190A-H Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 3-WIRE REAL-TIME CLOCK
Rev.2.2_01
S-35190A H Series
37
Examples of Application Circuits
VCC
XOUT
XIN
S-35190A H Series
SIO
VSS
VDD
SCK
VSS
VCC
CPU
INT
CS
System power supply
Cg
10 k
Ω
Caution
1. Because the I/O pin has no protective diode on the VDD side, the relation of VCC
≥ VDD is possible.
But pay careful attention to the specifications.
2. Start communication under stable condition after power-on the power supply in the system.
Figure 42 Application Circuit 1
VSS
VCC
CPU
XOUT
XIN
S-35190A H Series SIO
VSS
VDD
SCK
INT
CS
System power supply
Cg
10 k
Ω
10 k
Ω
Caution Start communication under stable condition after power-on the power supply in the system.
Figure 43 Application Circuit 2
Caution
The above connection diagrams do not guarantee operation. Set the constants after performing
sufficient evaluation using the actual application.


Similar Part No. - S35190A-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35190A SII-S35190A Datasheet
733Kb / 51P
   FOR AUTOMOTIVE 105C OPERATION
More results

Similar Description - S35190A-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35390A-H SII-S35390A-H Datasheet
2Mb / 51P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE REAL-TIME CLOCK
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
S35192A SII-S35192A Datasheet
2Mb / 42P
   3-WIRE REAL-TIME CLOCK
S-35190A SII-S-35190A Datasheet
783Kb / 53P
   3-WIRE REAL-TIME CLOCK
S-35192A SII-S-35192A Datasheet
680Kb / 41P
   3-WIRE REAL-TIME CLOCK
logo
Holtek Semiconductor In...
HT1382_1105 HOLTEK-HT1382_1105 Datasheet
306Kb / 29P
   I2C/3-Wire Real Time Clock
HT1382 HOLTEK-HT1382 Datasheet
299Kb / 29P
   I2C/3-Wire Real Time Clock
HT1382 HOLTEK-HT1382_14 Datasheet
1Mb / 23P
   I2C/3-Wire Real Time Clock
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302 PERICOM-PT7C4302_15 Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com