Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S19254XXXH Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S19254XXXH
Description  FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19254XXXH Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S19254XXXH Datasheet HTML 3Page - Seiko Instruments Inc S19254XXXH Datasheet HTML 4Page - Seiko Instruments Inc S19254XXXH Datasheet HTML 5Page - Seiko Instruments Inc S19254XXXH Datasheet HTML 6Page - Seiko Instruments Inc S19254XXXH Datasheet HTML 7Page - Seiko Instruments Inc S19254XXXH Datasheet HTML 8Page - Seiko Instruments Inc S19254XXXH Datasheet HTML 9Page - Seiko Instruments Inc S19254XXXH Datasheet HTML 10Page - Seiko Instruments Inc S19254XXXH Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
FOR AUTOMOTIVE 105
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19254xxxH Series
7
Table 6 (2 / 2)
(Tj =
−40°C to +105°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
ON / OFF pin
input voltage "H"
VSH
VIN = 2.5 V, RL = 1 k
Ω,
determined by VOUT output
level
VOUT(S)
< 1.5 V
2.1
V
4
VIN = VOUT(S)
+ 1.0 V,
RL = 1 k
Ω, determined by
VOUT output level
1.5 V
≤ VOUT(S)
2.1
V
4
ON / OFF pin
input voltage "L"
VSL
VIN = 2.5 V, RL = 1 k
Ω,
determined by VOUT output
level
VOUT(S)
< 1.5 V
0.6
V
4
VIN = VOUT(S)
+ 1.0 V,
RL = 1 k
Ω, determined by
VOUT output level
1.5 V
≤ VOUT(S)
0.6
V
4
ON / OFF pin
input current "H"
ISH
VIN = 6.5 V, VON / OFF = 6.5 V
0.8
2.5
7.8
μA4
ON / OFF pin
input current "L"
ISL
VIN = 6.5 V, VON / OFF = 0 V
−0.1
0.1
μA4
Ripple rejection
|RR|
VIN = 3.0 V, f = 1 kHz,
ΔVrip = 0.5 Vrms,
IOUT = 100 mA
1.0 V
≤ VOUT(S) < 1.5 V
60
dB
5
1.5 V
≤ VOUT(S) < 2.0 V
55
dB
5
VIN = VOUT(S)
+ 1.0 V,
f = 1 kHz,
ΔVrip = 0.5 Vrms,
IOUT = 100 mA
2.0 V
≤ VOUT(S) < 2.6 V
55
dB
5
2.6 V
≤ VOUT(S) ≤ 5.5 V
50
dB
5
Short-circuit current
Ishort
VIN = 2.5 V,
ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
VOUT(S)
< 1.5 V
330
mA
3
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
1.5 V
≤ VOUT(S)
330
mA
3
Thermal shutdown
detection temperature
TSD
Junction temperature
170
°C
Thermal shutdown
release temperature
TSR
Junction temperature
135
°C
Discharge shunt
resistance during
power-off
RLOW
VIN = 6.5 V, VOUT = 0.1 V
100
Ω
6
ON / OFF pin
pull-down resistance
RPD
1.3
4.0
12
M
Ω
4
*1. VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT (= 100 mA) and inputting 2.5 V or VOUT(S)
+ 1.0 V.
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V, and IOUT = 300 mA or 1000 mA.
*4. The dropout voltage is limited by the difference between the input voltage (min. value) and the set output voltage.
In case of 1.0 V
≤ VOUT(S) < 1.5 V: 2.5 V − VOUT(S) = Vdrop
In case of 1.5 V
≤ VOUT(S) < 2.0 V: (VOUT(S) + 1.0 V) − VOUT(S) = 1.0 V
*5. Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S19254XXXH

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S19250 AMCC-S19250 Datasheet
85Kb / 2P
   STS-192 SONET/SDH/FEC/GbE/FC 16-bit Transceiver with EDC
S19252 AMCC-S19252 Datasheet
148Kb / 2P
   STS-192 SONET/SDH/FEC/GbE/FC 16-bit EDC Transceiver with 10 G Clock
logo
Seiko Instruments Inc
S19253XXXH SII-S19253XXXH Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
Applied Micro Circuits ...
S19256 AMCC-S19256 Datasheet
95Kb / 2P
   10 G Ethernet / Fibre Channel / SONET / SDH Dual CDR (2km - 30km)
logo
List of Unclassifed Man...
S19258PBIB ETC2-S19258PBIB Datasheet
121Kb / 1P
   SuperChassis 502-200B
More results

Similar Description - S19254XXXH

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19244XXXH SII-S19244XXXH Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXA SII-S19243XXXA Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19253XXXH SII-S19253XXXH Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXH SII-S19243XXXH Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19244XXXA SII-S19244XXXA Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com