Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19243B18H-A8T1U Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-19243B18H-A8T1U
Description  FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19243B18H-A8T1U Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-19243B18H-A8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-19243B18H-A8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19243B18H-A8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19243B18H-A8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19243B18H-A8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19243B18H-A8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19243B18H-A8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19243B18H-A8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19243B18H-A8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
FOR AUTOMOTIVE 105
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxH Series
Rev.3.1_00
2
Block Diagrams
1. Types in which output voltage is internally set
1. 1 S-19243xxxH Series A / B / C / D type (HSOP-8A, HSOP-6, SOT-89-5, HSNT-8(2030))
VIN
VSS
VOUT
Overcurrent protection circuit
Thermal shutdown circuit
Soft-start
circuit
ON / OFF
Reference
voltage circuit
+
*1
*3
*2
*1
ON / OFF
circuit
Product
Type
ON / OFF Logic
Soft-start Time
Discharge Shunt
Function
*2
Pull-down Resistor
*3
A
Active "H"
Fixed to tSS = 1.0 ms typ.
Available
Available
B
Active "H"
Fixed to tSS = 1.0 ms typ.
Available
Unavailable
C
Active "H"
Fixed to tSS = 1.0 ms typ.
Unavailable
Available
D
Active "H"
Fixed to tSS = 1.0 ms typ.
Unavailable
Unavailable
*1. Parasitic diode
*2. A / B type (With discharge shunt function): ON, C / D type (Without discharge shunt function): OFF
*3. A / C type (With pull-down resistor): ON, B / D type (Without pull-down resistor): OFF
Figure 1


Similar Part No. - S-19243B18H-A8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243B18H-A8T1U SII-S-19243B18H-A8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-19243B18H-A8T1U ABLIC-S-19243B18H-A8T1U Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Similar Description - S-19243B18H-A8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19244XXXH SII-S19244XXXH Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXA SII-S19243XXXA Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19253XXXH SII-S19253XXXH Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19254XXXH SII-S19254XXXH Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19244XXXA SII-S19244XXXA Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com