Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19212D33H-S8T1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-19212D33H-S8T1U
Description  FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19212D33H-S8T1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-19212D33H-S8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19212D33H-S8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19212D33H-S8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19212D33H-S8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19212D33H-S8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19212D33H-S8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19212D33H-S8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19212D33H-S8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19212D33H-S8T1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
FOR AUTOMOTIVE 105
°C OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19212B/DxxH Series
Rev.3.2_00
6
3. HSOP-6
13
2
4
65
Top view
Figure 4
Table 7
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
ON / OFF
ON / OFF pin
4
NC
*1
No connection
5
VSS
GND pin
6
VIN
Input voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
4. SOT-89-5
13
2
4
5
Top view
Figure 5
Table 8
Pin No.
Symbol
Description
1
NC
*1
No connection
2
VSS
GND pin
3
VIN
Input voltage pin
4
VOUT
Output voltage pin
5
ON / OFF
ON / OFF pin
*1. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
5. HTMSOP-8
Bottom view
1
4
3
2
8
5
6
7
Top view
8
5
6
7
1
4
3
2
*1
Figure 6
Table 9
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
NC
*2
No connection
3
NC
*2
No connection
4
ON / OFF
ON / OFF pin
5
VSS
GND pin
6
NC
*2
No connection
7
NC
*2
No connection
8
VIN
Input voltage pin
*1. Connect the heat sink of backside at shadowed area to the board, and set electric potential GND.
However, do not use it as the function of electrode.
*2. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.


Similar Part No. - S-19212D33H-S8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19212D33A-E6T1U SII-S-19212D33A-E6T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212D33A-E6T1U ABLIC-S-19212D33A-E6T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212D33A-E8T1U SII-S-19212D33A-E8T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212D33A-E8T1U ABLIC-S-19212D33A-E8T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212D33A-M5T1U SII-S-19212D33A-M5T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-19212D33H-S8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S1142C-H SII-S1142C-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com