Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-13D1C1528-M6T1U3 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-13D1C1528-M6T1U3
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-13D1C1528-M6T1U3 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-13D1C1528-M6T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-13D1C1528-M6T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-13D1C1528-M6T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-13D1C1528-M6T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-13D1C1528-M6T1U3 Datasheet HTML 9Page - Seiko Instruments Inc S-13D1C1528-M6T1U3 Datasheet HTML 10Page - Seiko Instruments Inc S-13D1C1528-M6T1U3 Datasheet HTML 11Page - Seiko Instruments Inc S-13D1C1528-M6T1U3 Datasheet HTML 12Page - Seiko Instruments Inc S-13D1C1528-M6T1U3 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_01
S-13D1 Series
9
Absolute Maximum Ratings
Table 8
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS
− 0.3 to VSS + 6.0
V
VON / OFF1, VON / OFF2
VSS
− 0.3 to VSS + 6.0
V
Output voltage
VOUT1, VOUT2
VSS
− 0.3 to VIN + 0.3
V
Output current
IOUT1, IOUT2
200
mA
Power dissipation
SOT-23-6
PD
650*1
mW
HSNT-6 (1212)
480*1
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Name:
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
0
Ambient Temperature (Ta) [
°C]
400
200
600
1000
800
1200
SOT-23-6
HSNT-6 (1212)
Figure 9 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-13D1C1528-M6T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13D1C1528-M6T1U3 ABLIC-S-13D1C1528-M6T1U3 Datasheet
479Kb / 45P
   5.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR WITH DELAY FUNCTION
Rev.1.4_00
More results

Similar Description - S-13D1C1528-M6T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1721 ABLIC-S-1721 Datasheet
695Kb / 42P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
logo
Seiko Instruments Inc
S-1721 SII-S-1721 Datasheet
530Kb / 38P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S13D1 SII-S13D1 Datasheet
980Kb / 45P
   SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
S-1711 SII-S-1711 Datasheet
2Mb / 44P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S1721 SII-S1721 Datasheet
570Kb / 42P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S1711 SII-S1711 Datasheet
517Kb / 44P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S-L2985 SII-S-L2985 Datasheet
244Kb / 23P
   HIGH RIPPLE-REJECTION WLP PACKAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com