Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S19243XXXH Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S19243XXXH
Description  FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19243XXXH Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S19243XXXH Datasheet HTML 7Page - Seiko Instruments Inc S19243XXXH Datasheet HTML 8Page - Seiko Instruments Inc S19243XXXH Datasheet HTML 9Page - Seiko Instruments Inc S19243XXXH Datasheet HTML 10Page - Seiko Instruments Inc S19243XXXH Datasheet HTML 11Page - Seiko Instruments Inc S19243XXXH Datasheet HTML 12Page - Seiko Instruments Inc S19243XXXH Datasheet HTML 13Page - Seiko Instruments Inc S19243XXXH Datasheet HTML 14Page - Seiko Instruments Inc S19243XXXH Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
FOR AUTOMOTIVE 105
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.1_00
S-19243xxxH Series
11
2. HSOP-8A
8
5
6
7
1
4
3
2
Bottom view
Top view
1
4
3
2
8
5
6
7
*1
Figure 6
Table 12 S-19243xxxH Series A / B / C / D Type,
Types in Which Output Voltage is Internally Set
Pin No.
Symbol
Description
1
VOUT
*2
Output voltage pin
2
VOUT
*2
Output voltage pin
3
VSS
GND pin
4
NC
*3
No connection
5
ON / OFF
ON / OFF pin
6
NC
*3
No connection
7
NC
*3
No connection
8
VIN
Input voltage pin
Table 13 S-19243xxxH Series E / F / G / H Type,
Types in Which Output Voltage is Internally Set
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
NC
*3
No connection
3
VSS
GND pin
4
ON / OFF
ON / OFF pin
5
SSC
*4
Soft-start pin
6
NC
*3
No connection
7
NC
*3
No connection
8
VIN
Input voltage pin
Table 14 S-19243xxxH Series E / F / G / H Type,
Types in Which Output Voltage is Externally Set
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VADJ
Output voltage adjustment pin
3
VSS
GND pin
4
ON / OFF
ON / OFF pin
5
SSC
*4
Soft-start pin
6
NC
*3
No connection
7
NC
*3
No connection
8
VIN
Input voltage pin
*1. Connect the heat sink of backside at shadowed area to the board, and set electric potential open or GND.
However, do not use it as the function of electrode.
*2. Although pins of number 1 and 2 are connected internally, be sure to short-circuit them nearest in use.
*3. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
*4. Connect a capacitor between the SSC pin and the VSS pin.
The soft-start time at power-on and at the time when the ON / OFF pin is set to ON can be adjusted according to
the capacitance.


Similar Part No. - S19243XXXH

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19243XXXA SII-S19243XXXA Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Similar Description - S19243XXXH

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19244XXXH SII-S19244XXXH Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXA SII-S19243XXXA Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19253XXXH SII-S19253XXXH Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19254XXXH SII-S19254XXXH Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19244XXXA SII-S19244XXXA Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com