Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-13D1B1833-A6T2U3 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-13D1B1833-A6T2U3
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-13D1B1833-A6T2U3 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-13D1B1833-A6T2U3 Datasheet HTML 1Page - Seiko Instruments Inc S-13D1B1833-A6T2U3 Datasheet HTML 2Page - Seiko Instruments Inc S-13D1B1833-A6T2U3 Datasheet HTML 3Page - Seiko Instruments Inc S-13D1B1833-A6T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-13D1B1833-A6T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-13D1B1833-A6T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-13D1B1833-A6T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-13D1B1833-A6T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-13D1B1833-A6T2U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_01
S-13D1 Series
5
Product Name Structure
Users can select the product type, output voltage, and package type for the S-13D1 Series. Refer to "1. Product
name" regarding the contents of product name, "2. Function list of product types" regarding the product type,
"3. Packages" regarding the package drawings, "4. Product name list" regarding details of the product name.
1. Product name
S-13D1 x xx xx - xxxx U 3
Product type
*3
A to F
Package abbreviation and IC packing specifications
*1
M6T1: SOT-23-6, Tape
A6T2: HSNT-6 (1212), Tape
Output voltage of voltage regulator 1
*2
10 to 36
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Output voltage of voltage regulator 2
*2
10 to 36
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to "2. Function list of product types".
2. Function list of product types
Table 1
Product Type
ON / OFF Logic
Discharge Shunt Function
Constant Current Source
Pull-down
Delay Function
A
Active "H"
Unavailable
Available
Unavailable
B
Active "H"
Available
Available
Unavailable
C
Active "H"
Available
Available
Available
D
Active "H"
Unavailable
Unavailable
Unavailable
E
Active "H"
Available
Unavailable
Unavailable
F
Active "H"
Available
Unavailable
Available
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-6
MP006-A-P-SD
MP006-A-C-SD
MP006-A-R-SD
HSNT-6 (1212)
PM006-A-P-SD
PM006-A-C-SD
PM006-A-R-SD
PM006-A-L-SD


Similar Part No. - S-13D1B1833-A6T2U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13D1B1833-A6T2U3 ABLIC-S-13D1B1833-A6T2U3 Datasheet
479Kb / 45P
   5.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR WITH DELAY FUNCTION
Rev.1.4_00
More results

Similar Description - S-13D1B1833-A6T2U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1721 ABLIC-S-1721 Datasheet
695Kb / 42P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
logo
Seiko Instruments Inc
S-1721 SII-S-1721 Datasheet
530Kb / 38P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S13D1 SII-S13D1 Datasheet
980Kb / 45P
   SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
S-1711 SII-S-1711 Datasheet
2Mb / 44P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S1721 SII-S1721 Datasheet
570Kb / 42P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S1711 SII-S1711 Datasheet
517Kb / 44P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S-L2985 SII-S-L2985 Datasheet
244Kb / 23P
   HIGH RIPPLE-REJECTION WLP PACKAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com