Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-13D1B1218-A6T2U3 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-13D1B1218-A6T2U3
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-13D1B1218-A6T2U3 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-13D1B1218-A6T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-13D1B1218-A6T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-13D1B1218-A6T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-13D1B1218-A6T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-13D1B1218-A6T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-13D1B1218-A6T2U3 Datasheet HTML 9Page - Seiko Instruments Inc S-13D1B1218-A6T2U3 Datasheet HTML 10Page - Seiko Instruments Inc S-13D1B1218-A6T2U3 Datasheet HTML 11Page - Seiko Instruments Inc S-13D1B1218-A6T2U3 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-13D1 Series
Rev.1.3_01
8
Pin Configurations
1. SOT-23-6
13
2
54
6
Top view
Figure 7
Table 6
Pin No.
Symbol
Description
1
ON / OFF1
ON / OFF 1 pin
2
VIN
Input voltage pin
3
ON / OFF2
ON / OFF 2 pin
4
VOUT2
Output voltage 2 pin
5
VSS
GND pin
6
VOUT1
Output voltage 1 pin
2. HSNT-6 (1212)
Top view
1
3
2
6
4
5
6
4
5
1
3
2
Bottom view
*1
*1. Connect the heat sink of backside at
shadowed area to the board, and set
electric potential open or GND.
However, do not use it as the function
of electrode.
Table 7
Pin No.
Symbol
Description
1
VOUT1
Output voltage 1 pin
2
VOUT2
Output voltage 2 pin
3
VSS
GND pin
4
ON / OFF2
ON / OFF 2 pin
5
VIN
Input voltage pin
6
ON / OFF1
ON / OFF 1 pin
Figure 8


Similar Part No. - S-13D1B1218-A6T2U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13D1B1218-A6T2U3 ABLIC-S-13D1B1218-A6T2U3 Datasheet
479Kb / 45P
   5.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR WITH DELAY FUNCTION
Rev.1.4_00
More results

Similar Description - S-13D1B1218-A6T2U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1721 ABLIC-S-1721 Datasheet
695Kb / 42P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
logo
Seiko Instruments Inc
S-1721 SII-S-1721 Datasheet
530Kb / 38P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S13D1 SII-S13D1 Datasheet
980Kb / 45P
   SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
S-1711 SII-S-1711 Datasheet
2Mb / 44P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S1721 SII-S1721 Datasheet
570Kb / 42P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S1711 SII-S1711 Datasheet
517Kb / 44P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S-L2985 SII-S-L2985 Datasheet
244Kb / 23P
   HIGH RIPPLE-REJECTION WLP PACKAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com