Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C04DI-J8T1U5 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-24C04DI-J8T1U5
Description  2-WIRE SERIAL E2PROM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C04DI-J8T1U5 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-24C04DI-J8T1U5 Datasheet HTML 3Page - Seiko Instruments Inc S-24C04DI-J8T1U5 Datasheet HTML 4Page - Seiko Instruments Inc S-24C04DI-J8T1U5 Datasheet HTML 5Page - Seiko Instruments Inc S-24C04DI-J8T1U5 Datasheet HTML 6Page - Seiko Instruments Inc S-24C04DI-J8T1U5 Datasheet HTML 7Page - Seiko Instruments Inc S-24C04DI-J8T1U5 Datasheet HTML 8Page - Seiko Instruments Inc S-24C04DI-J8T1U5 Datasheet HTML 9Page - Seiko Instruments Inc S-24C04DI-J8T1U5 Datasheet HTML 10Page - Seiko Instruments Inc S-24C04DI-J8T1U5 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
2-WIRE SERIAL E2PROM
Rev.3.0_01_U
S-24C02D/04D/08D16D
7
DC Electrical Characteristics
Table 6
Item
Symbol
Condition
Ta =
−40°C to +85°C
Unit
VCC = 2.5 V to 5.5 V
fSCL = 1.0 MHz
VCC = 1.7 V to 5.5 V
fSCL = 400 kHz
Min.
Max.
Min.
Max.
Current consumption
(READ)
ICC1
1.0
0.8
mA
Table 7
Item
Symbol
Condition
Ta =
−40°C to +85°C
Unit
VCC = 2.5 V to 5.5 V
fSCL = 1.0 MHz
VCC = 1.7 V to 5.5 V
fSCL = 400 kHz
Min.
Max.
Min.
Max.
Current consumption
(WRITE)
ICC2
2.0
2.0
mA
Table 8
Item
Symbol
Condition
Ta =
−40°C to +85°C
Unit
VCC = 2.5 V to 5.5 V
VCC = 1.7 V to 2.5 V
Min.
Max.
Min.
Max.
Standby current
consumption
ISB
VIN = VCC or GND
1.0
1.0
μA
Input leakage current 1
ILI1
SCL, SDA
VIN = GND to VCC
1.0
1.0
μA
Input leakage current 2
ILI2
A0, A1, A2
VIN > 0.7
× VCC
1.0
1.0
μA
Output leakage current
ILO
SDA
VOUT = GND to VCC
1.0
1.0
μA
Input current 1
IIL
WP
VIN < 0.3
× VCC
50.0
50.0
μA
Input current 2
IIH
WP
VIN > 0.7
× VCC
2.0
2.0
μA
Input Impedance 1
ZIL
WP
VIN = 0.3
× VCC
30
30
k
Ω
Input Impedance 2
ZIH
WP
VIN = 0.7
× VCC
500
500
k
Ω
Low level output voltage
VOL
IOL = 3.2 mA
0.4
V
IOL = 1.5 mA
0.3
0.3
V
IOL = 0.7 mA
0.2
0.2
V


Similar Part No. - S-24C04DI-J8T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C04DI-J8T1U5 SII-S-24C04DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
logo
ABLIC Inc.
S-24C04DI-J8T1U5 ABLIC-S-24C04DI-J8T1U5 Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
More results

Similar Description - S-24C04DI-J8T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
   2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S24C512C SII-S24C512C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
S24CM01C SII-S24CM01C Datasheet
1Mb / 32P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24CM01C ABLIC-S-24CM01C Datasheet
465Kb / 32P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C16C ABLIC-S-24C16C Datasheet
456Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
S-24C02D ABLIC-S-24C02D Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
S-24C08C ABLIC-S-24C08C Datasheet
449Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com