Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C16CH-xxxxU3 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-24C16CH-xxxxU3
Description  FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C16CH-xxxxU3 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-24C16CH-xxxxU3 Datasheet HTML 7Page - Seiko Instruments Inc S-24C16CH-xxxxU3 Datasheet HTML 8Page - Seiko Instruments Inc S-24C16CH-xxxxU3 Datasheet HTML 9Page - Seiko Instruments Inc S-24C16CH-xxxxU3 Datasheet HTML 10Page - Seiko Instruments Inc S-24C16CH-xxxxU3 Datasheet HTML 11Page - Seiko Instruments Inc S-24C16CH-xxxxU3 Datasheet HTML 12Page - Seiko Instruments Inc S-24C16CH-xxxxU3 Datasheet HTML 13Page - Seiko Instruments Inc S-24C16CH-xxxxU3 Datasheet HTML 14Page - Seiko Instruments Inc S-24C16CH-xxxxU3 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.2_01_H
S-24C16C H Series
11
5. Device addressing
To start communication, the master device on the system generates a start condition to the bus line. Next, the
master device sends 7-bit device address and a 1-bit read / write instruction code on to the SDA bus.
The upper 4 bits of the device address are the "Device Code", and are fixed to "1010".
Successive 3 bits (P2, P1, and P0) are "Page Address". Choose the 8 memory blocks of 256-byte (Adress 000h to
0FFh, 100h to 1FFh, 200h to 2FFh, 300h to 3FFh, 400h to 4FFh, 500h to 5FFh, 600h to 6FFh, 700h to 7FFh).
PageAddress
1
0
1
0
P2
P1
P0
R / W
Device Code
LSB
MSB
Figure 11 Device Address


Similar Part No. - S-24C16CH-xxxxU3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-24C16CH ABLIC-S-24C16CH Datasheet
523Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
More results

Similar Description - S-24C16CH-xxxxU3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32CH ABLIC-S-24C32CH Datasheet
534Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24CS01AH ABLIC-S-24CS01AH Datasheet
456Kb / 37P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C16CH ABLIC-S-24C16CH Datasheet
523Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C128CH ABLIC-S-24C128CH Datasheet
502Kb / 35P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.1_03_H
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com