Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24C16C-H Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S24C16C-H
Description  FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24C16C-H Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S24C16C-H Datasheet HTML 13Page - Seiko Instruments Inc S24C16C-H Datasheet HTML 14Page - Seiko Instruments Inc S24C16C-H Datasheet HTML 15Page - Seiko Instruments Inc S24C16C-H Datasheet HTML 16Page - Seiko Instruments Inc S24C16C-H Datasheet HTML 17Page - Seiko Instruments Inc S24C16C-H Datasheet HTML 18Page - Seiko Instruments Inc S24C16C-H Datasheet HTML 19Page - Seiko Instruments Inc S24C16C-H Datasheet HTML 20Page - Seiko Instruments Inc S24C16C-H Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.2_01_H
S-24C16C H Series
17
7. 2 Random read
Random read is used to read the data at an arbitrary memory address.
A dummy write is performed to load the memory address into the address counter.
When the S-24C16C receives a 7-bit device address and a 1-bit read / write instruction code set to "0" following a
start condition, it responds with an acknowledge.
And the S-24C16C receives 8-bit word address and responds with an acknowledge. The memory address is
loaded to the address counter in the S-24C16C by these operations. Reception of write data does not follow in a
dummy write whereas reception of write data follows in byte write and in page write.
Since the memory address is loaded into the memory address counter by dummy write, the master device can
read the data starting from the arbitrary memory address by transmitting a new start condition and performing the
same operation in the current address read.
That is, when the S-24C16C receives a 7-bit device address and a 1-bit read / write instruction code set to "1",
following a start condition signal, it responds with an acknowledge. Next, 8-bit data is transmitted from the
S-24C16C in synchronous to the SCL clock. The master device outputs stop condition not an acknowledge, the
reading of the S-24C16C is ended.
SDA
LINE
S
T
A
R
T
1 0 1 0
W
R
I
T
E
DEVICE
ADDRESS
WORD ADDRESS (n)
R
/
W
M
S
B
P2 P1 P0
A
C
K
L
S
B
W7 W6 W5 W4 W3 W2 W1 W0
A
C
K
0
DUMMY WRITE
S
T
O
P
S
T
A
R
T
1 0 1 0
R
E
A
D
DEVICE
ADDRESS
R
/
W
M
S
B
X X X
A
C
K
L
S
B
1
NO ACK from
Master Device
DATA
D7 D6 D5 D4 D3 D2 D1 D0
Figure 17 Random Read


Similar Part No. - S24C16C-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C16C SII-S24C16C Datasheet
488Kb / 35P
   FOR AUTOMOTIVE 105C OPERATION
More results

Similar Description - S24C16C-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32CH ABLIC-S-24C32CH Datasheet
534Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24CS01AH ABLIC-S-24CS01AH Datasheet
456Kb / 37P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C16CH ABLIC-S-24C16CH Datasheet
523Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C128CH ABLIC-S-24C128CH Datasheet
502Kb / 35P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.1_03_H
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com