Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA2614 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VCA2614
Description  Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA2614 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  VCA2614 Datasheet HTML 1Page - Burr-Brown (TI) VCA2614 Datasheet HTML 2Page - Burr-Brown (TI) VCA2614 Datasheet HTML 3Page - Burr-Brown (TI) VCA2614 Datasheet HTML 4Page - Burr-Brown (TI) VCA2614 Datasheet HTML 5Page - Burr-Brown (TI) VCA2614 Datasheet HTML 6Page - Burr-Brown (TI) VCA2614 Datasheet HTML 7Page - Burr-Brown (TI) VCA2614 Datasheet HTML 8Page - Burr-Brown (TI) VCA2614 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VCA2614
4
SBOS185D
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VDD = 5V, load resistance = 500Ω on each output to ground, differential output (2Vp-p) MGS = 011, and fIN = 5MHz, unless otherwise noted.
GAIN ERROR vs TEMPERATURE
VCA
CNTL (V)
0.2
1.0 1.2
0.8
0.4 0.6
2.0 2.2
1.4 1.6 1.8
2.4 2.6 2.8 3.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
+25
°C
–40
°C
+85
°C
GAIN ERROR vs VCA
CNTL
VCA
CNTL (V)
0.2
1.0 1.2
0.8
0.4 0.6
2.0 2.2
1.4 1.6 1.8
2.4 2.6 2.8 3.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
10MHz
5MHz
1MHz
GAIN ERROR vs VCA
CNTL
VCA
CNTL (V)
0.2
1.0 1.2
0.8
0.4 0.6
2.0 2.2
1.4 1.6 1.8
2.4 2.6 2.8 3.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
MGS = 001
MGS = 000
MGS = 111
GAIN vs VCA
CNTL
VCA
CNTL (V)
0.2
1.2
1.0
0.4 0.6 0.8
1.8 2.0 2.2
1.6
1.4
2.4 2.6 2.8 3.0
50
45
40
35
30
25
20
15
10
5
0
MGS = 111
MGS = 110
MGS = 101
MGS = 001
MGS = 010
MGS = 011
MGS = 100
GAIN MATCH: CHA to CHB, VCA
CNTL = 0.2V
Delta Gain (dB)
120
100
80
60
40
20
0
GAIN MATCH: CHA to CHB, VCA
CNTL = 3.0V
Delta Gain (dB)
80
70
60
50
40
30
20
10
0


Similar Part No. - VCA2614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2614 TI1-VCA2614 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA2614

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2618 BURR-BROWN-VCA2618 Datasheet
326Kb / 14P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2619 BURR-BROWN-VCA2619 Datasheet
315Kb / 16P
   Dual, Variable Gain Amplifier with Input Buffer
logo
Texas Instruments
VCA2619 TI1-VCA2619 Datasheet
732Kb / 19P
[Old version datasheet]   Dual, Variable Gain Amplifier with Input Buffer
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com