Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G86-61510EUADAA Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part No. G86-61510EUADAA
Description  SPOS QWERTY ENCRYPTABLE MSR KEYBOARDS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHERRY [Cherry Semiconductor Corporation]
Homepage  http://www.cherrycorp.com/
Logo 

G86-61510EUADAA Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Point of Sale
SPOS QWERTY ENCRYPTABLE MSR
KEYBOARDS
Small-Sized, Multifunctional Keyboard with Encryptable
Magnetic Card Reader, Enhanced 135/123 Position Key Layout,
and optional Touchpad
Facts & Features
Compact size keyboard with QWERTY layout
Encryptable 3-Track Magnetic Stripe Reader using
Triple Data Encryption Algorithm (Triple DES) and
Derived Unique Key Per Transaction (DUKPT) key
management
Dual Insertion for Bi-Directional Swipe of Magnetic
Stripe Card
Powerful ‘Cherry Tools’ Configuration Software
Allows for Quick Product Set Up and Configuration
Enhanced US 135/123 Position key Layout
Robust Product Design with IP 54 Spill and Dust
Resistant Key Field for Harsh Environments
Plug & Play Configuration for all Common POS
Features
Fully Programmable Keyboard with 54/60
Relegendable Keys for Easy Layout Configuration
and Quick Function Calls
Option for Unlimited Programmability of all Keys up
to 3 Layers Provides Convenient Data Access
‘Moving of Key’ Allows for Easy Key Position
Exchange Including Modifier Functions
Comprehensive UPOS Support for Windows and
Linux Client-Server Architecture
Touchpad Version Reduces Desktop Footprint While
Ensuring Easy Cursor Navigation
Remote Network Installation with Cherry Tools
Activator and Runtime Edition
Yellow Status LEDs
Accessory Kit Available to Reconfigure Key Layout
Technical Data
Current Input
Typ. 72 mA
Encryptable Magnetic Stripe Reader
Standards:
ISO 7811/-12, AAMVA, JIS
Others on request
Durability:
1 million cycles
Reading Speed
4-60 inches/sec
Encryption:
Triple Data Encryption Algorithm (Triple DES) with
Derived Unique Key Per Transaction (DUKPT) key
management
Touchpad
Resolution: 1000 dpi
2 switch-activated mouse buttons
Cable Length
approx. 1.85 m
approx. 6 ft
Key Layout
Compact size 135 / 123 position US key layout
including Windows keys
Weight (without/with packaging)
Approx. 1.4 kg / 1.6 kg (without packaging)
Approx. 3.08 lbs / 3.53 lbs (with packaging)
Dimensions
Keyboard:
360 x 198 x 38 mm
Keyboard:
14.17 x 7.79 x 1.49 inches
Packaging:
415 x 260 x 50 mm
Packaging:
16.34 x 10.24 x 1.97 inches
Interface
USB 2.0


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn