Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH628A-2X018 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SFH628A-2X018
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH628A-2X018 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH628A-2X018 Datasheet HTML 1Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 2Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 3Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 4Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 5Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 6Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH628A, SFH6286
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 28-Feb-14
3
Document Number: 83722
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Test Circuit
Fig. 2 - Test Circuit and Waveforms
Note
• As per IEC 60747-5-5, § 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = ± 1 mA, VCE = 0.5 V
SFH628A-2
CTR
63
200
%
SFH6286-2
CTR
63
200
%
IF = ± 0.5 mA, VCE = 1.5 V
SFH628A-2
CTR
32
100
%
SFH6286-2
CTR
32
100
%
IF = ± 1 mA, VCE = 0.5 V
SFH628A-3
CTR
100
320
%
SFH6286-3
CTR
100
320
%
IF = ± 0.5 mA, VCE = 1.5 V
SFH628A-3
CTR
50
160
%
SFH6286-3
CTR
50
160
%
IF = ± 1 mA, VCE = 0.5 V
SFH628A-4
CTR
160
500
%
SFH6286-4
CTR
160
500
%
IF = ± 0.5 mA, VCE = 1.5 V
SFH628A-4
CTR
80
250
%
SFH6286-4
CTR
80
250
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
VCC = 5 V, IC = 2 mA, RL = 100
Ω
ton
6μs
Rise time
VCC = 5 V, IC = 2 mA, RL = 100
Ω
tr
3.5
μs
Turn-off time
VCC = 5 V, IC = 2 mA, RL = 100
Ω
toff
5.5
μs
Fall time
VCC = 5 V, IC = 2 mA, RL = 100
Ω
tf
5μs
isfh618a_11
±IF
47
Ω
RL
IC
VCC
isfh618a_12
10 %
90 %
Input pulse
Output pulse
tr
ton
t f
t off
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
according to IEC 68 part 1
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
10000
V
VIORM
890
V
PSO
400
mW
ISI
275
mA
TSI
175
°C
Creepage distance
Standard DIP-8
7
mm
Clearance distance
Standard DIP-8
7
mm
Creepage distance
400 mil DIP-8
8
mm
Clearance distance
400 mil DIP-8
8
mm
Insulation thickness, reinforced rated
per IEC 60950 2.10.5.1
0.4
mm


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn