Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH628A-2X018 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SFH628A-2X018
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH628A-2X018 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH628A-2X018 Datasheet HTML 1Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 2Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 3Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 4Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 5Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 6Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH628A, SFH6286
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 28-Feb-14
1
Document Number: 83722
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, AC Input, Low Input Current
DESCRIPTION
The SFH628A (DIP) and SFH6286 (SMD) feature a high
current transfer ratio, low coupling capacitance and high
isolation voltage. These couplers have a GaAs infrared
emitting diode, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 or SMD package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm lead spacing.
Creepage and clearance distances of > 8 mm are achieved
with option 6. This version complies with IEC 60950
(DIN VDE 0805) for reinforced insulation to an operation
voltage of 400 VRMS or DC.
FEATURES
• High common mode interference immunity
• Isolation test voltage, 5300 VRMS
• Low coupling capacitance
• Good CTR linearity depending on forward
current
• Low CTR degradation
• High collector emitter voltage, VCEO = 55 V
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecom
• Industrial controls
• Battery powered equipment
• Office machines
AGENCY APPROVALS
• UL1577, file no. E52744 system code H
• DIN EN 60747-5-5 (VDE0884-5), available with option 1
• BSI IEC 60950; IEC 60065
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes; do not add T to end.
i179080-3
E
C
A/C
C/A
1
2
4
3
V
DE
DIP-4 SMD-4 pin groove
1
1
1
1
ORDERING INFORMATION
S
F
H
6
2
8
x
-
#
X
0##
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/
PACKAGE
CTR (%)
SFH628A
SFH6286
UL, BSI
63 to 200
100 to 320
160 to 500
63 to 200
100 to 320
160 to 500
DIP-4
SFH628A-2T (1)
SFH628A-3
SFH628A-4
-
-
-
SFH6286 option
-
-
-
SFH6286-2T (1)
SFH6286-3T (1)
SFH6286-4T (1)
VDE, UL, BSI
63 to 200
100 to 320
160 to 500
63 to 200
100 to 320
160 to 500
DIP-4
-
SFH628A-3X001
-
-
-
-
DIP-4, 400 mil, option 6 SFH628A-2X016
SFH628A-3X016
SFH628A-4X016
-
-
-
SMD-4, option 7
-
SFH628A-3X017T
-
-
-
-
SMD-4, option 8
SFH628A-2X018
-
-
-
-
-
SFH6286 option
-
-
-
SFH6286-2X001T SFH6286-3X001T SFH6286-4X001T (1)
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP-#
Option 7
Option 6
SFH6286 Option
9.27 mm
Option 8


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn