Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH628A-2X018 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SFH628A-2X018
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH628A-2X018 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH628A-2X018 Datasheet HTML 1Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 2Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 3Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 4Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 5Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 6Page - Vishay Siliconix SFH628A-2X018 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH628A, SFH6286
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 28-Feb-14
5
Document Number: 83722
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Permissible Forward Current Diode
Fig. 10 - Permissible Power Dissipation
Fig. 11 - Switching Times (Typ.)
PACKAGE DIMENSIONS in millimeters
100
75
025
50
75
100
isfh618a_07
TA (°C)
50
25
0
IF = f (TA)
200
150
125
175
0
255075
100
isfh618a_08
TA (°C)
100
25
75
50
0
Ptot = f (TA)
Transistor
Diode
103
102
101
100
isfh618a_09
RL (Ω)
103
104
105
102
tF
t off
tR
t on
TA = 25 ºC, IF = 1.0 mA,
VCC = 5.0 V, tON, tR,
tOFF, tF, = f (RL)
i178027-8
6.48
6.81
4.55
4.83
10°
0° to 15°
0.2
0.3
7.62 typ.
2.79
3.30
5.84
6.35
0.76
1.14
typ.
2.54
3.30
3.81
0.508
0.89
0.46
0.56
0.79 typ.
1.27 typ.
1.27
ISO method A
Pin 1 identification


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn