Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

VOM1271 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. VOM1271
Description  Photovoltaic MOSFET Driver with Integrated Fast Turn-Off Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VOM1271 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VOM1271
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 07-Jan-14
4
Document Number: 83469
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - LED Reverse Current vs. Reverse Voltage
Fig. 7 - LED Forward Voltage vs. LED Forward Current
Fig. 8 - Short Circuit Output Current vs.
Open Circuit Output Voltage
APPLICATION DESCRIPTION
Figure 8 illustrates a standard isolated MOSFET driver such
as Vishay’s VO1263. Though these parts are generally
capable of supplying higher output current, they lack
integrated fast turn-off circuitry. Thus, if high turn-off speed
is required. external circuitry needs to be provided, as
illustrated in figure one.
Figure 9 illustrates the ability to do away with external
turn-off circuitry with the VOM1271, by taking advantage of
the VOM1271’s integrated turn-off circuitry.
Fig. 9 - Typical MOSFET Driver Application without Integrated Fast Turn-Off
0
2.0
20
22
24
25
VR (V)
1.6
1.4
1.2
1.0
0.8
21
23
1.8
0.6
0.4
0.2
100 °C
0 °C
1.0
1.6
010
20
50
IF (mA)
1.5
1.4
1.3
1.2
1.1
515
25
35
30
45
40
100 °C
0 °C
25 °C
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
V
OC - Open Circuit Output Voltage (V)
I
F = 45 mA
I
F = 5 mA
I
F = 15 mA
I
F = 35 mA
I
F = 25 mA
P-channel
JFET
2 M
Ω
Channel 1
control
Switch 1
N-channel
MOSFETs
+


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn