Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

VOM1271 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. VOM1271
Description  Photovoltaic MOSFET Driver with Integrated Fast Turn-Off Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VOM1271 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VOM1271
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 07-Jan-14
3
Document Number: 83469
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - Output Open Circuit Voltage vs. LED Current
Fig. 3 - Output Short-Circuit Current vs. Ambient Temperature
Fig. 4 - Output Open Circuit Voltage vs. Ambient Temperature
Fig. 5 - ton, toff vs. LED Current
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification (according to IEC 68 part 1)
IEC 68 part 1
40/100/21
Comparative tracking index
Insulation group IIIa
CTI
175
399
Transient overvoltage
VIOTM
6000
V
Recurring peak voltage
VIORM
630
V
Package safety power
PSO
350
mW
Package safety current
ISI
150
mA
Package safety temperature
TSI
175
°C
Creepage distance
5mm
Clearance distance
5mm
0
10
020
40
50
IF (mA)
9
8
7
6
5
4
3
2
1
10
30
R
L = 1 MΩ
R
L = 500 kΩ
15
35
45
525
0
60
- 40
0
40
100
Ambient Temperature (°C)
50
40
30
20
10
- 20
20
60
80
I
F = 30 mA
I
F = 5 mA
I
F = 10 mA
4
12
- 40
0
40
100
Ambient Temperature (°C)
10
8
6
- 20
20
60
I
F = 30 mA
I
F = 5 mA
80
I
F = 10 mA
11
9
7
5
0
600
010
20
50
IF (mA)
500
400
300
200
100
515
25
t
on
35
30
45
40
t
off


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn