Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCMT1600T3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCMT1600T3
Description  Optocoupler, Phototransistor Output, AC Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT1600T3 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCMT1600T3 Datasheet HTML 1Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 2Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 3Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 4Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 5Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 6Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 7Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 8Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TCMT1600, TCMT4600, TCMT4606
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 21-Jul-15
2
Document Number: 83512
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(2) Wave soldering three cycles are allowed. Also refer to “Assembly Instructions” (www.vishay.com/doc?80054).
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp
≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
COUPLER
AC isolation test voltage (RMS)
VISO
3750
VRMS
Total power dissipation
Ptot
250
mW
Operating ambient temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +125
°C
Soldering temperature (1)
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 50 mA
VF
-
1.35
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-8-
pF
OUTPUT
Collector emitter voltage
IC = 100 μA
VCEO
70
-
-
V
Emitter collector voltage
IE = 100 μA
VECO
7-
-
V
Collector dark current
VCE = 20 V, IF = 0
ICEO
--
100
nA
COUPLER
Collector emitter saturation voltage
IF = ± 10 mA, IC = 1 mA
VCEsat
--
0.3
V
Cut-off frequency
VCE = 5 V, IF = ± 10 mA,
RL = 100
Ω
fc
-
100
-
kHz
Capacitance (input to output)
f = 1 MHz
CIO
-0.3
-
pF
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = ± 5 mA
TCMT1600
CTR
80
300
%
TCMT4600
CTR
80
300
%
TCMT4606
CTR
100
300
%
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT


Similar Part No. - TCMT1600T3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT1600T3 VISHAY-TCMT1600T3 Datasheet
271Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
Rev. 1.8, 16-May-08
TCMT1600T3 VISHAY-TCMT1600T3 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
More results

Similar Description - TCMT1600T3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
TCET1600 VISHAY-TCET1600_10 Datasheet
156Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 10-Dec-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com