Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC308 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BC308
Description  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC308 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC308 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC308 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC308 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
BC307/308/309 TRANSISTOR (PNP)
FEATURES
Amplifier dissipation NPN Silicon
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
U
nit
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA, IE=0
BC307
BC308/309
-50
-30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-2mA, IB=0
BC307
BC308/309
-45
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-45V,IE=0
BC307
VCB=-25V,IE=0
BC308/309
-15
nA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-15
nA
DC current gain
hFE
VCE=-5V, IC=-2mA
120
800
IC=-10mA, IB=-0.5mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-5mA
-0.6
V
IC=-10mA, IB=-0.5mA
-0.75
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA, IB=-5mA
-1
V
Base-emitter voltage
VBE
VCE=-5V, IC=-2mA
-0.55
-0.75
V
Transition frequency
fT
VCE=-5V, IC=-10mA, f=50MHz
130
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
6
pF
Noise figure
NF
VCE=-5V, IC=-0.2mA ,
f=1KHz, RG=2KΩ
BC307/BC308
BC309
VCE=-5V, IC=-0.2mA ,
f=30-15KHz, RG=2KΩ
BC309
10
4
4
dB
CLASSIFICATION OF hFE
Rank
A
B
C
Range
120-220
180-460
380-800
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
BC307
BC308/309
-45
-25
V
VEBO
Emitter-Base Voltage
BC307
BC308/309
-6
-5
V
IC
Collector Current -Continuous
-0.1
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance,
Junction to Ambient
357
℃/W
RθJC
Thermal Resistance, Junction to Case
125
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
TO-92
1.
COLLECTOR
2.
BASE
3.
EMITTER
www.cj-elec.com
1
C,Dec,2015


Similar Part No. - BC308

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC308 FAIRCHILD-BC308 Datasheet
69Kb / 5P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC308 KEC-BC308 Datasheet
144Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
logo
Micro Electronics
BC308 MICRO-ELECTRONICS-BC308 Datasheet
225Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC308 SEMTECH_ELEC-BC308 Datasheet
145Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
BC308 KEC-BC308 Datasheet
30Kb / 1P
   TO-92 PACKAGE
More results

Similar Description - BC308

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com