Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2721GR Datasheet(PDF) 3 Page - NEC

Part No. UPC2721GR
Description  SILICON MMIC L BAND DOWNCONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2721GR Datasheet(HTML) 3 Page - NEC

  UPC2721GR Datasheet HTML 1Page - NEC UPC2721GR Datasheet HTML 2Page - NEC UPC2721GR Datasheet HTML 3Page - NEC UPC2721GR Datasheet HTML 4Page - NEC UPC2721GR Datasheet HTML 5Page - NEC UPC2721GR Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
+10
0
-10
-20
-30
-40
-50
-60
-40
-30
-20
-10
0
fRF1 = 900 MHZ
fRF2 = 938 MHZ
fLO = 1.3 GHZ (0 dBm)
fRF1 = 2.0 GHZ
fRF2 = 2.038 GHZ
fLO = 2.4 GHZ (0 dBm)
Pout
IM3
+10
0
-10
-20
-30
-40
-50
-60
-40
-30
-20
-10
0
fRF1 = 900 MHZ
fRF2 = 938 MHZ
fLO = 1.3 GHZ
fRF1 = 2.0 GHZ
fRF2 = 2.038 GHZ
fLO = 2.4 GHZ
Pout
IM3
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Supply Voltage, VCC (V)
Input Power, PIN (dBm)
Input Frequency, fRF (GHz)
IF Frequency, fIF (MHz)
CIRCUIT CURRENT VS.
SUPPLY VOLTAGE
OUTPUT POWER VS.
INPUT POWER
UPC2721
CONVERSION GAIN
vs. IF FREQUENCY
CONVERSION GAIN AND NOISE FIGURE
vs. RF FREQUENCY
No Input Signal
60
50
40
30
20
10
0
1
2
34
56
UPC2721
UPC2722
fRF = 900 MHz
fRF = 2 GHz
fRF = 2 GHz
fRF = 900 MHz
VCC = 5 V
fIF = 402 MHz
+10
+5
-40
-30
-20
-10
0
+10
+20
0
-5
-10
-15
-20
30
25
20
15
10
5
100
0
200
300
400
500
600
µPC2721
fRF
= 2.0 GHZ
fRF
= 900 MHZ
VCC = 5 V
PLO = 0 dBm
PRF = -30 dBm
UPC2721
IM3 AND OUTPUT POWER
vs. INPUT POWER
UPC2722
IM3 AND OUTPUT POWER
vs. INPUT POWER
Input Power, PIN (dBm)
Input Power, PIN (dBm)
UPC2721GR, UPC2722GR
VCC = 5 V
PRF = -30 dBm
PLO = -5 dBm
fIF = 402 MHZ
CG
NF
30
25
20
15
10
5
0.5
0
1.0
1.5
2.0
2.5
3.0
UPC2721 GV
UPC2722 GV
UPC2721 GV
UPC2722 GV


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn