Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8365ABBBA-M6T1S2 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8365ABBBA-M6T1S2
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8365ABBBA-M6T1S2 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8365ABBBA-M6T1S2 Datasheet HTML 1Page - Seiko Instruments Inc S-8365ABBBA-M6T1S2 Datasheet HTML 2Page - Seiko Instruments Inc S-8365ABBBA-M6T1S2 Datasheet HTML 3Page - Seiko Instruments Inc S-8365ABBBA-M6T1S2 Datasheet HTML 4Page - Seiko Instruments Inc S-8365ABBBA-M6T1S2 Datasheet HTML 5Page - Seiko Instruments Inc S-8365ABBBA-M6T1S2 Datasheet HTML 6Page - Seiko Instruments Inc S-8365ABBBA-M6T1S2 Datasheet HTML 7Page - Seiko Instruments Inc S-8365ABBBA-M6T1S2 Datasheet HTML 8Page - Seiko Instruments Inc S-8365ABBBA-M6T1S2 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
S-8365/8366 Series
www.sii-ic.com
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or
PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2009-2015
Rev.2.1_01
1
The S-8365/8366 Series is a CMOS step-up switching regulator controller which mainly consists of a reference voltage
source, an oscillation circuit, an error amplifier, a phase compensation circuit, a timer latch short-circuit protection circuit, a
PWM control circuit (S-8365 Series) and a PWM / PFM switching control circuit (S-8366 Series).
With an external low-ON-resistance Nch Power MOS FET, this product is ideal for applications requiring high efficiency
and a high output current.
The S-8365 Series efficiently works on voltage’s condition of large I/O difference due to the PWM control circuit linearly
varies the duty ratio to 90%.
During light-load, the S-8366 Series switches its operation to the PFM control by the PWM / PFM switching control circuit
in order to prevent efficiency decline due to the IC operating current.
Ceramic capacitors can be used for output capacitor. Small packages SNT-6A, SOT-23-5 and SOT-23-6 enable
high-density mounting.
Features
• Low operation voltage
: Start at 1.1 V (1 mA) guaranteed (in the product without UVLO function)
• Input voltage range
: 1.8 V to 5.5 V
• Oscillation frequency
: 1.2 MHz, 600 kHz
• Reference voltage
: 0.6 V
±2.0%
• Soft start function
: 7 ms typ.
• Low current consumption
: 70
μA typ. at switching off
• Duty ratio
: Built-in PWM / PFM switching control circuit (S-8366 Series)
28% to 85% (1.2 MHz product)
28% to 90% (600 kHz product)
• Shutdown function
: Current consumption 1.0
μA max. at shutdown
• External parts
: Inductor, diode, capacitor, transistor
• Timer latch short-circuit protection circuit
: Selectable with / without short-circuit protection circuit for each product
Settable delay time by external capacitor
(in the product with short-circuit protection)
• UVLO (under-voltage lockout) function
: Selectable with / without UVLO for each product
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• MP3 players, digital audio players
• Digital cameras, GPS, wireless transceiver
• Portable devices
Packages
• SNT-6A
• SOT-23-5
• SOT-23-6


Similar Part No. - S-8365ABBBA-M6T1S2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365ABBBA-M6T1Y2 ABLIC-S-8365ABBBA-M6T1Y2 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
More results

Similar Description - S-8365ABBBA-M6T1S2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com