Electronic Components Datasheet Search |
|
S-19100N18H-I4T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
S-19100N18H-I4T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 45 page S-19100xxxH Series www.sii-ic.com FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) © SII Semiconductor Corporation, 2012-2015 Rev.2.0_01 1 The S-19100xxxH Series, developed by using CMOS technology, is a voltage detector IC for automotive 105 °C operation. The detection voltage is fixed internally with an accuracy of ±2.5% (−VDET = 2.4 V). It operates with current consumption of 270 nA typ. The release signal can be delayed by setting a capacitor externally, and the delay time accuracy at Ta = +25°C is ±15%. The operation temperature range is Ta = −40°C to +105°C. Two output forms Nch open-drain and CMOS output are available. Compared with conventional CMOS voltage detectors, the S-19100xxxH Series has super-low current consumption and small packages. Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the purpose, contact to SII Semiconductor Corporation is indispensable. Features • Detection voltage: 1.2 V to 4.6 V (0.1 V step) • Detection voltage accuracy: ±2.5% (2.4 V ≤ −VDET ≤ 4.6 V, Ta = −40°C to +105°C) ±(2.0% + 12 mV) (1.2 V ≤ −VDET < 2.4 V, Ta = −40°C to +105°C) • Current consumption: 270 nA typ. (1.2 V ≤ −VDET < 2.3 V) • Operation voltage range: 0.6 V to 10.0 V (CMOS output product) • Hysteresis width*1: 5% ±2% (Ta = −40°C to +105°C) • Delay time accuracy: ±15% (CD = 4.7 nF, Ta = +25°C) • Output form: Nch open-drain output (active "L") CMOS output (active "L") • Operation temperature range: Ta = −40°C to +105°C • Lead-free (Sn 100%), halogen-free • AEC-Q100 qualified*2: SOT-23-5 package product, SC-82AB package product *1. The product without hysteresis width is also available. *2. SNT-4A package product is in the process of AEC-Q100. Contact our sales office for details. Applications • For automotive use (meter, car body, headlight, ITS, accessory, car navigation system, car audio system, etc.) : SOT-23-5 package product, SC-82AB package product • For automotive use (accessory, car navigation system, car audio system, etc.) : SNT-4A package product Packages • SOT-23-5 • SC-82AB • SNT-4A |
Similar Part No. - S-19100N18H-I4T1U |
|
Similar Description - S-19100N18H-I4T1U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |