Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8520DxxMC Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8520DxxMC
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8520DxxMC Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8520DxxMC Datasheet HTML 6Page - Seiko Instruments Inc S-8520DxxMC Datasheet HTML 7Page - Seiko Instruments Inc S-8520DxxMC Datasheet HTML 8Page - Seiko Instruments Inc S-8520DxxMC Datasheet HTML 9Page - Seiko Instruments Inc S-8520DxxMC Datasheet HTML 10Page - Seiko Instruments Inc S-8520DxxMC Datasheet HTML 11Page - Seiko Instruments Inc S-8520DxxMC Datasheet HTML 12Page - Seiko Instruments Inc S-8520DxxMC Datasheet HTML 13Page - Seiko Instruments Inc S-8520DxxMC Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
10
2. C type, D type
Table 6
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage*1
VOUT(E)
VOUT(S)
× 0.976
VOUT(S)
VOUT(S)
× 1.024
V
3
Input voltage
VIN
C type
2.5
10.0
V
2
D type
2.5
16.0
V
2
Current consumption 1
ISS1
VOUT = VOUT(S)
× 1.2
10
21
μA
2
Current consumption
during shutdown
ISSS
VON/OFF
______
= 0 V
0.5
μA
2
EXT pin output current
IEXTH
VEXT = VIN
− 0.4 V
S-8520/8521x15 to 24
−2.3
−4.5
mA
S-8520/8521x25 to 34
−3.7
−7.0
mA
S-8520/8521x35 to 44
−5.3
−9.3
mA
S-8520/8521x45 to 54
−6.7
−11.3
mA
S-8520/8521x55 to 60
−8.0
−13.3
mA
IEXTL
VEXT = 0.4 V
S-8520/8521x15 to 24
+4.3
+8.4
mA
S-8520/8521x25 to 34
+7.0
+13.2
mA
S-8520/8521x35 to 44
+9.9
+17.5
mA
S-8520/8521x45 to 54
+12.6
+21.4
mA
S-8520/8521x55 to 60
+15.0
+25.1
mA
Line regulation
ΔVOUT1
VOUT(S)
≤ 2.0 V VIN = 2.5 V to 2.94 V
30
60
mV
3
VOUT(S)
> 2.0 V VIN = VOUT(S) × 1.2 to 1.4
30
60
mV
3
Load regulation
ΔVOUT2
Load current = 10
μA to IOUT × 1.25
30
60
mV
3
Output voltage
temperature coefficient
ΔVOUT
ΔTa
Ta =
−40°C to +85°C
±VOUT(S)
× 5E − 5
V/°C
3
Oscillation frequency
fosc
Measure waveform at
EXT pin.
VOUT(S)
≤ 2.4 V
45
60
75
kHz
3
VOUT(S)
≥ 2.5 V
48
60
72
kHz
3
PWM / PFM control
switching duty ratio
(S-8521 Series)
PFMDuty No load, measured waveform at EXT pin.
15
25
40
%
3
ON/OFF pin
input voltage
VSH
Determine oscillation at EXT pin
1.8
V
2
VSL
Determine oscillation stop at EXT pin
0.3
V
2
ON/OFF pin
input leakage current
ISH
−0.1
0.1
μA
1
ISL
−0.1
0.1
μA
1
Soft start time
tss
6.0
12.0
24.0
ms
3
Overload detection time
(C type)
tpro
Time until the EXT pin reaches VIN after
dropping VOUT to 0 V.
7.0
14.0
28.0
ms
2
Efficiency
EFFI
93
%
3
External parts
Coil:
Sumida Corporation CD54 (47
μH)
Diode:
Matsushita Electric Industrial Co., Ltd. MA720 (Shottky type)
Capacitor:
Matsushita Electric Industrial Co., Ltd. TE (16 V, 22
μF tantalum type)
Transistor:
Toshiba Corporation 2SA1213
Base resistance (Rb):
0.68 k
Ω
Base capacitor (Cb):
2200 pF (Ceramic type)
Unless otherwise indicated, connect the recommended components to the IC. When VIN = VOUT(S)
× 1.2 V (VIN = 2.5 V
when VOUT(S)
≤ 2.0 V), IOUT = 120 mA, connect the ON/OFF
______
pin to the VIN pin.
*1.
VOUT(S): Specified output voltage value, VOUT(E): Actual output voltage value


Similar Part No. - S-8520DxxMC

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
S-8520A21MC-AVG-T2 SII-S-8520A21MC-AVG-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8520A25MC-ARK-T2 SII-S-8520A25MC-ARK-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8520DxxMC

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com