Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8521B50MC-AUJT2x Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8521B50MC-AUJT2x
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521B50MC-AUJT2x Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8521B50MC-AUJT2x Datasheet HTML 1Page - Seiko Instruments Inc S-8521B50MC-AUJT2x Datasheet HTML 2Page - Seiko Instruments Inc S-8521B50MC-AUJT2x Datasheet HTML 3Page - Seiko Instruments Inc S-8521B50MC-AUJT2x Datasheet HTML 4Page - Seiko Instruments Inc S-8521B50MC-AUJT2x Datasheet HTML 5Page - Seiko Instruments Inc S-8521B50MC-AUJT2x Datasheet HTML 6Page - Seiko Instruments Inc S-8521B50MC-AUJT2x Datasheet HTML 7Page - Seiko Instruments Inc S-8521B50MC-AUJT2x Datasheet HTML 8Page - Seiko Instruments Inc S-8521B50MC-AUJT2x Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
4
Product Name Structure
The control types, product types, and output voltage for the S-8520/8521 Series can be selected at the user’s request.
Please refer to the “1. Product name” for the definition of the product name, “2. Package” regarding the package
drawings and “3. Product name list” for the full product names.
1. Product name
S-852
x
x
xx
MC
− xxx T2 x
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
MC : SOT-23-5
Output voltage
15 to 60
(W hen the output voltage is 1.5 V, it is expressed as 15.)
Product type
A: Oscillation frequency of 180 kHz,
W ith overload protection circuit
B:
Oscillation frequency of 180 kHz,
W ithout overload protection circuit
C:
Oscillation frequency of 60 kHz,
W ith overload protection circuit
D:
Oscillation frequency of 60 kHz,
W ithout overload protection circuit
E: Oscillation frequency of 300 kHz,
W ith overload protection circuit
F:
Oscillation frequency of 300 kHz,
W ithout overload protection circuit
Control system
0: PW M control
1: PW M / PFM switching control
*1. Refer to the tape specifications.
*2. Refer to “3. Product name list”.
2. Package
Package Name
Drawing code
Package
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD


Similar Part No. - S-8521B50MC-AUJT2x

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8521B50MC-AUJ-T2 SII-S-8521B50MC-AUJ-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8521B50MC-AUJT2x

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com