Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8333CBBB-T8T1y Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8333CBBB-T8T1y
Description  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBBB-T8T1y Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8333CBBB-T8T1y Datasheet HTML 1Page - Seiko Instruments Inc S-8333CBBB-T8T1y Datasheet HTML 2Page - Seiko Instruments Inc S-8333CBBB-T8T1y Datasheet HTML 3Page - Seiko Instruments Inc S-8333CBBB-T8T1y Datasheet HTML 4Page - Seiko Instruments Inc S-8333CBBB-T8T1y Datasheet HTML 5Page - Seiko Instruments Inc S-8333CBBB-T8T1y Datasheet HTML 6Page - Seiko Instruments Inc S-8333CBBB-T8T1y Datasheet HTML 7Page - Seiko Instruments Inc S-8333CBBB-T8T1y Datasheet HTML 8Page - Seiko Instruments Inc S-8333CBBB-T8T1y Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
4
(2) 8-Pin TSSOP
S-8333 C x x x - T8T1 x
Package abbreviation and packing specifications
*1
T8T1: 8-Pin TSSOP, tape product
Environmental code
U:
Lead-free (Sn 100%), halogen-free
S:
Lead-free, halogen-free
Soft-start time setting
A:
10 ms
B:
15 ms
C:
20 ms
UVLO setting
A:
2.3 V
B:
2.2 V
C:
2.1 V
D:
2.0 V
E:
1.9 V
F:
1.8 V
G:
1.7 V
H:
1.6 V
I:
1.5 V
UVLO hysteresis setting
A:
0.1 V
B:
0.2 V
C:
0.3 V
*1. Refer to the tape drawing.
2. Packages
Package Name
Drawing Code
Package
Tape
Reel
Land
SNT-8A
PH008-A-P-SD PH008-A-C-SD PH008-A-R-SD
PH008-A-L-SD
8-Pin TSSOP
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-SD


Similar Part No. - S-8333CBBB-T8T1y

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8333CBBB-T8T1S SII-S-8333CBBB-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CBBB-T8T1U SII-S-8333CBBB-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8333CBBB-T8T1y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com