Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA24-11 Datasheet(PDF) 5 Page - Kingbright Corporation

Part # TA24-11
Description  60.8 MM 5 X 8 DOT MATRIX DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TA24-11 Datasheet(HTML) 5 Page - Kingbright Corporation

  TA24-11 Datasheet HTML 1Page - Kingbright Corporation TA24-11 Datasheet HTML 2Page - Kingbright Corporation TA24-11 Datasheet HTML 3Page - Kingbright Corporation TA24-11 Datasheet HTML 4Page - Kingbright Corporation TA24-11 Datasheet HTML 5Page - Kingbright Corporation TA24-11 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: KDA0396
REV NO: V.1
DATE: SEP/20/2001
PAGE: 5 OF 6
APPROVED:J.LU
CHECKED:
DRAWN:X.Q.ZHENG
Green
Yellow


Similar Part No. - TA24-11

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA24-11EWA KINGBRIGHT-TA24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TA24-11GWA KINGBRIGHT-TA24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TA24-11SRWA KINGBRIGHT-TA24-11SRWA Datasheet
149Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TA24-11YWA KINGBRIGHT-TA24-11YWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results

Similar Description - TA24-11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GMA2885C FAIRCHILD-GMA2885C Datasheet
602Kb / 8P
   2.3 5 X 8 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-M2881GWA EVERLIGHT-ELM-M2881GWA Datasheet
232Kb / 5P
   2.3inch 8 x 8 Dot Matrix Displays
logo
Fairchild Semiconductor
GMA2888C FAIRCHILD-GMA2888C Datasheet
620Kb / 8P
   2.3 8 X 8 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-2082SURWA EVERLIGHT-ELM-2082SURWA Datasheet
198Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-2081SURWA EVERLIGHT-ELM-2081SURWA Datasheet
195Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-1081SYGWA EVERLIGHT-ELM-1081SYGWA Datasheet
194Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com