Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S19110AXXA Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S19110AXXA
Description  FOR AUTOMOTIVE 125째C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19110AXXA Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S19110AXXA Datasheet HTML 9Page - Seiko Instruments Inc S19110AXXA Datasheet HTML 10Page - Seiko Instruments Inc S19110AXXA Datasheet HTML 11Page - Seiko Instruments Inc S19110AXXA Datasheet HTML 12Page - Seiko Instruments Inc S19110AXXA Datasheet HTML 13Page - Seiko Instruments Inc S19110AXXA Datasheet HTML 14Page - Seiko Instruments Inc S19110AXXA Datasheet HTML 15Page - Seiko Instruments Inc S19110AXXA Datasheet HTML 16Page - Seiko Instruments Inc S19110AXXA Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.3_00
S-19110AxxA to S-19110HxxA Series
13
Detection voltage
Detection voltage
range
VDD
−VDET min.
−VDET max.
VOUT
tRESET
VDD
+VDET min.
+VDET max.
VOUT
Release voltage
Release voltage
range
tDELAY
Figure 19 Detection Voltage (VDD Detection Product)
Figure 20 Release Voltage (VDD Detection Product)
Detection voltage
VSENSE
−VDET min.
−VDET max.
VOUT
tRESET
Detection voltage
range
VSENSE
+VDET min.
+VDET max.
VOUT
tDELAY
Release voltage
Release voltage
range
Figure 21 Detection Voltage
Figure 22 Release Voltage
(SENSE Detection Product)
(SENSE Detection Product)
VDD
VDD
VSS
OUT
R
100 k
Ω
V
V
+
+
CP
CN
VDD
VDD
VSS
OUT
R
100 k
Ω
V
V
+
+
CP
CN
VSENSE
SENSE
Figure 23 Test Circuit of Detection Voltage
Figure 24 Test Circuit of Detection Voltage
and Release Voltage
and Release Voltage
(VDD Detection Product)
(SENSE Detection Product)
3. Hysteresis width (VHYS)
The hysteresis width is the voltage difference between the detection voltage and the release voltage (the voltage at
point B
− the voltage at point A = VHYS in Figure 26, Figure 28, Figure 34 and Figure 36). Setting the hysteresis
width between the detection voltage and the release voltage, prevents malfunction caused by noise on the input
voltage.
4. Feed-through current
The feed-through current is a current that flows instantaneously to the VDD pin at the time of detection and release
of a voltage detector.


Similar Part No. - S19110AXXA

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
More results

Similar Description - S19110AXXA

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com