Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19101N12A-N4T2U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-19101N12A-N4T2U
Description  FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19101N12A-N4T2U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-19101N12A-N4T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19101N12A-N4T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19101N12A-N4T2U Datasheet HTML 9Page - Seiko Instruments Inc S-19101N12A-N4T2U Datasheet HTML 10Page - Seiko Instruments Inc S-19101N12A-N4T2U Datasheet HTML 11Page - Seiko Instruments Inc S-19101N12A-N4T2U Datasheet HTML 12Page - Seiko Instruments Inc S-19101N12A-N4T2U Datasheet HTML 13Page - Seiko Instruments Inc S-19101N12A-N4T2U Datasheet HTML 14Page - Seiko Instruments Inc S-19101N12A-N4T2U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
FOR AUTOMOTIVE 125°C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.1.0_01
S-19101xxxA Series
11
2. Delay circuit
The delay circuit delays the output signal to the OUT pin from the time at which the power supply voltage (VDD)
exceeds the release voltage (
+VDET) when the power supply voltage (VDD) is turned on. The output signal is not
delayed when VDD decreases to the detection voltage (
−VDET) or less (refer to "Figure 13 Operation 2").
The delay time (tD) is determined by the time constant of the built-in constant current (approx. 100 nA) and the
attached delay capacitor (CD), or the delay time (tD0) when the CD pin is open, and calculated from the following
equation. When the CD value is sufficiently large, the tD0 value can be disregarded.
tD [ms] = Delay coefficient
× CD [nF] + tD0 [ms]
Table 7 Delay Coefficient
Operation
Temperature
Delay Coefficient
Min.
Typ.
Max.
Ta =
+125°C
1.96
3.50
5.15
Ta =
+105°C
2.58
3.70
5.40
Ta =
+25°C
4.70
5.47
6.24
Ta =
−40°C
5.64
8.40
12.01
Table 8 Delay Time
Operation Temperature
Delay Time (tD0)
Min.
Typ.
Max.
Ta =
−40°C to +125°C
0.01 ms
0.10 ms
0.80 ms
Caution 1.
When the CD pin is open, a double pulse shown in Figure 14 may appear at release.
To avoid the double pulse, attach 100 pF or more capacitor to the CD pin. Do not apply
voltage to the CD pin from the exterior.
VOUT
Time
Figure 14
2.
Mounted board layout should be made in such a way that no current flows into or flows from
the CD pin since the impedance of the CD pin is high, otherwise correct delay time cannot be
provided.
3.
There is no limit for the capacitance of CD as long as the leakage current of the capacitor can
be ignored against the built-in constant current value. Leakage current causes deviation in
delay time. When the leakage current is larger than the built-in constant current, no release
takes place.


Similar Part No. - S-19101N12A-N4T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results

Similar Description - S-19101N12A-N4T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19110AXXA SII-S19110AXXA Datasheet
4Mb / 49P
   FOR AUTOMOTIVE 125째C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19105 SII-S19105 Datasheet
2Mb / 37P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com