Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19101C27H-M5T2U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-19101C27H-M5T2U
Description  FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19101C27H-M5T2U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-19101C27H-M5T2U Datasheet HTML 1Page - Seiko Instruments Inc S-19101C27H-M5T2U Datasheet HTML 2Page - Seiko Instruments Inc S-19101C27H-M5T2U Datasheet HTML 3Page - Seiko Instruments Inc S-19101C27H-M5T2U Datasheet HTML 4Page - Seiko Instruments Inc S-19101C27H-M5T2U Datasheet HTML 5Page - Seiko Instruments Inc S-19101C27H-M5T2U Datasheet HTML 6Page - Seiko Instruments Inc S-19101C27H-M5T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19101C27H-M5T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19101C27H-M5T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.1.0_01
S-19101xxxH Series
5
Absolute Maximum Ratings
Table 5
(Ta =
−40°C to +105°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
− VSS
12
V
CD pin input voltage
VCD
VSS
− 0.3 to VDD + 0.3
V
Output voltage
Nch open-drain output product
VOUT
VSS
− 0.3 to 12.0
V
CMOS output product
VSS
− 0.3 to VDD + 0.3
V
Output current
IOUT
50
mA
Power dissipation
SOT-23-5
PD
600*1
mW
SC-82AB
350*1
mW
Operation ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Name:
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
0
Ambient Temperature (Ta) [
°C]
200
100
300
500
700
SOT-23-5
SC-82AB
400
600
Figure 5 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-19101C27H-M5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19101C27H-M5T2U SII-S-19101C27H-M5T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19101C27H-M5T2U SII-S-19101C27H-M5T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results

Similar Description - S-19101C27H-M5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19105 SII-S19105 Datasheet
2Mb / 37P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19110AXXA SII-S19110AXXA Datasheet
4Mb / 49P
   FOR AUTOMOTIVE 125째C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com