Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8366ABBBB-M5T1U2 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-8366ABBBB-M5T1U2
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8366ABBBB-M5T1U2 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-8366ABBBB-M5T1U2 Datasheet HTML 1Page - Seiko Instruments Inc S-8366ABBBB-M5T1U2 Datasheet HTML 2Page - Seiko Instruments Inc S-8366ABBBB-M5T1U2 Datasheet HTML 3Page - Seiko Instruments Inc S-8366ABBBB-M5T1U2 Datasheet HTML 4Page - Seiko Instruments Inc S-8366ABBBB-M5T1U2 Datasheet HTML 5Page - Seiko Instruments Inc S-8366ABBBB-M5T1U2 Datasheet HTML 6Page - Seiko Instruments Inc S-8366ABBBB-M5T1U2 Datasheet HTML 7Page - Seiko Instruments Inc S-8366ABBBB-M5T1U2 Datasheet HTML 8Page - Seiko Instruments Inc S-8366ABBBB-M5T1U2 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365/8366 Series
Rev.2.1_01
2
Block Diagram
1. With UVLO function and short-circuit protection
FB
Triangular Wave
Oscillation Circuit
PWM Comparator
UVLO
VSS
RFB1
RFB2
VOUT
Error
Amplifier
VIN CIN
+
+
Timer Latch
Short-Circuit
Protection
CSP
L
COUT
ON/OFF
M1
VDD
CFB
EXT
SD
ON/OFF
Circuit
PWM control, or
PWM / PFM
Switching Control
Circuit
Reference Voltage
with Soft-Start Circuit
Figure 1
2. With UVLO function, without short-circuit protection
FB
Triangular Wave
Oscillation Circuit
PWM Comparator
UVLO
ON/OFF
Circuit
VSS
RFB1
RFB2
VOUT
Error
Amplifier
VIN CIN
+
+
L
COUT
M1
SD
CFB
ON/OFF
VDD
EXT
PWM control, or
PWM / PFM
Switching Control
Circuit
Reference Voltage
with Soft-Start Circuit
Figure 2


Similar Part No. - S-8366ABBBB-M5T1U2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8366ABBB-I6T1U2 SII-S-8366ABBB-I6T1U2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8366ABBB-M5T1S2 SII-S-8366ABBB-M5T1S2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8366ABBB-M5T1U2 SII-S-8366ABBB-M5T1U2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8366ABBB-M6T1S2 SII-S-8366ABBB-M6T1S2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8366ABBB-M6T1U2 SII-S-8366ABBB-M6T1U2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8366ABBBB-M5T1U2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com