Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-8521E35MC-BLUT2x Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part No. S-8521E35MC-BLUT2x
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521E35MC-BLUT2x Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S-8521E35MC-BLUT2x Datasheet HTML 21Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 22Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 23Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 24Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 25Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 26Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 27Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 28Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_01
S-8520/8521 Series
25
Characteristics (Typical Data)
1. Examples of major parameters characteristics
(1) Current consumption (ISS1)-Input voltage (VIN)
0
5
10
15
20
Ta =
+25°C
Ta =
+85°C
(fosc = 60 kHz)
2
4
6
8
10
12
14
16
VIN [V]
Ta =
−40°C
0
10
20
30
40
2
4
6
8
10
12
14
16
VIN [V]
Ta =
−40°C
Ta =
+85°C
Ta =
+25°C
(fosc = 180 kHz)
0
10
20
30
40
50
60
2
4
6
8
10
12
14
16
VIN [V]
(fosc = 300 kHz)
Ta =
−40°C
Ta =
+25°C
Ta =
+85°C
(2) Oscillation frequency (fosc)-Input voltage (VIN)
40
45
50
55
60
65
70
75
80
2
4
6
8
10
12
14
16
VIN [V]
(fosc = 60 kHz)
Ta =
+25°C
Ta =
+85°C
Ta =
−40°C
140
150
160
170
180
190
200
210
220
2
4
6
8
10
12
14
16
VIN [V]
(fosc = 180 kHz)
Ta =
+25°C
Ta =
+85°C
Ta =
−40°C
240
260
280
300
320
340
360
2
4
6
8
10
12
14
16
VIN [V]
(fosc = 300 kHz)
Ta =
−40°C
Ta =
+25°C
Ta =
+85°C


Similar Part No. - S-8521E35MC-BLUT2x

ManufacturerPart No.DatasheetDescription
Seiko Instruments Inc
Seiko Instruments Inc
S-8521E35MC-BLU-T2 SII-S-8521E35MC-BLU-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8521E35MC-BLUT2x

ManufacturerPart No.DatasheetDescription
ABLIC Inc.
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
ABLIC Inc.
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz