Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-8521E35MC-BLUT2x Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part No. S-8521E35MC-BLUT2x
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521E35MC-BLUT2x Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button S-8521E35MC-BLUT2x Datasheet HTML 20Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 21Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 22Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 23Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 24Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 25Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 26Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 27Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
24
The voltage accuracy of the OUT cannot be made higher than the output voltage accuracy (VOUT
±2.4%) of the IC
itself, without adjusting the RA and RB involved. The closer the voltage value of the output OUT and the output
voltage value (VOUT) of the IC are brought to one other, the more the output voltage remains immune to deviations
in the absolute accuracy of RA and RB and the absolute value of R1 and R2 in the IC. In particular, to suppress the
influence of deviations in R1 and R2 in the IC, a major contributor to deviations in the OUT, the RA and RB must be
limited to a much smaller value than that of R1 and R2 in the IC.
On the other hand, a reactive current flows through RA and RB. This reactive current must be reduced to a
negligible value with respect to the load current in the actual use of the IC so that the efficiency characteristics will
not be degraded. This requires that the value of RA and RB be made sufficiently large.
However, too large a value (more than 1 M
Ω) for the RA and RB would make the IC vulnerable to external noise.
Check the influence of this value on actual equipment.
There is a tradeoff between the voltage accuracy of the OUT and the reactive current. This should be taken into
consideration based on the requirements of the intended application.
Deviations in the absolute value of the internal resistances (R1 and R2) in the IC vary with the output voltage of the
S-8520/8521 Series, and are broadly classified as follows:
Table 10
Output voltage
Deviations in the absolute value of R1 and R2 in the IC
1.5 V to 2.0 V
5.16 M
Ω to 28.9 MΩ
2.1 V to 2.5 V
4.44 M
Ω to 27.0 MΩ
2.6 V to 3.3 V
3.60 M
Ω to 23.3 MΩ
3.4 V to 4.9 V
2.44 M
Ω to 19.5 MΩ
5.0 V to 6.0 V
2.45 M
Ω to 15.6 MΩ
When a value of R1
+ R2 given by the equation indicated below is taken in calculating the voltage value of the
output OUT, a median voltage deviation will be obtained for the OUT.
R1
+ R2 = 2 ÷ (1 ÷ maximum deviation in absolute value of R1 and R2 + 1 ÷ minimum deviation in absolute value
of R1 and R2)
Moreover, add a capacitor (CC) in parallel to the external resistance (RA) in order to avoid output oscillations and
other types of instability (Refer to Figure 14).
Make sure that CC is larger than the value given by the following equation:
CC [F]
≥ 1 ÷ (2 × π × RA [Ω] × 7.5 kHz)
If a large CC value is selected, a longer soft start time than the one set up in the IC will be set.
Caution
The above connection diagram and constant will not guarantee successful operation. Perform
through evaluation using the actual application to set the constant.


Similar Part No. - S-8521E35MC-BLUT2x

ManufacturerPart No.DatasheetDescription
Seiko Instruments Inc
Seiko Instruments Inc
S-8521E35MC-BLU-T2 SII-S-8521E35MC-BLU-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8521E35MC-BLUT2x

ManufacturerPart No.DatasheetDescription
ABLIC Inc.
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
ABLIC Inc.
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz