Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-8521E35MC-BLUT2x Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part No. S-8521E35MC-BLUT2x
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521E35MC-BLUT2x Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S-8521E35MC-BLUT2x Datasheet HTML 19Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 20Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 21Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 22Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 23Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 24Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 25Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 26Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_01
S-8520/8521 Series
23
Application Circuits
1. External adjustment of output voltage
In the S-8550/8521 Series, by adding external resistors (RA, RB) and a capacitor (CFB), the output voltage can be
adjusted or be set freely in the range of 1.5 to 6.0 V, as shown in Figure 14. Temperature gradient can be given by
inserting a thermistor in series to RA and RB.
S-8520/8521 Series
CC
RA
RB
D1
VOUT
VSS
+
VIN
OUT
EXT
+
+
R2
R1
Oscillation
Circuit
PWM control or PWM /
PFM switching control unit
Reference voltage
source with soft start
ON/OFF
______
Figure 14
Caution
The above connection diagram and constant will not guarantee successful operation. Perform
through evaluation using the actual application to set the constant.
The S-8520/8521 Series have an internal impedance of R1 and R2 between the VOUT pin and the VSS pin, as
shown in Figure 14.
Therefore, OUT (the output voltage) is determined by the output voltage value (VOUT) of the S-8520/8521 Series,
and the ratio of the parallel resistance value of external resistance (RB) and internal resistances (R1
+ R2) of the IC,
to external resistance (RA). The output voltage is expressed by the following equation:
OUT = VOUT
+ VOUT × RA ÷ (RB //*1(R1 + R2))
*1. // shows the combined resistance in parallel.
The voltage accuracy of the OUT set by resistances (RA and RB) is not only affected by the IC’s output voltage
accuracy (VOUT
±2.4 %), but also by the absolute precision of external resistances (RA and RB) in use and the
absolute value deviations of internal resistances (R1 and R2) in the IC.
Let us designate the maximum deviations of the absolute value of RA and RB by RA max. and RB max., respectively,
the minimum deviations by RA min. and RB min., respectively, and the maximum and minimum deviations of the
absolute value of R1 and R2 in the IC by (R1
+ R2) max. and (R1 + R2) min., respectively. Then, the minimum
deviation value OUT min. and the maximum deviation value OUT max. of the OUT are expressed by the following
equations:
OUT min. = VOUT
× 0.976 + VOUT × 0.976 × RA min. ÷ (RB max. // (R1 + R2) max.)
OUT max. = VOUT
× 1.024 + VOUT × 1.024 × RA max. ÷ (RB min. // (R1 + R2) min.)


Similar Part No. - S-8521E35MC-BLUT2x

ManufacturerPart No.DatasheetDescription
Seiko Instruments Inc
Seiko Instruments Inc
S-8521E35MC-BLU-T2 SII-S-8521E35MC-BLU-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8521E35MC-BLUT2x

ManufacturerPart No.DatasheetDescription
ABLIC Inc.
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
ABLIC Inc.
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz