Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-8521E35MC-BLUT2x Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part No. S-8521E35MC-BLUT2x
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521E35MC-BLUT2x Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S-8521E35MC-BLUT2x Datasheet HTML 14Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 15Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 16Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 17Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 18Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 19Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 20Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 21Page - Seiko Instruments Inc S-8521E35MC-BLUT2x Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
18
2. Inductor
The inductance value (L value) has a strong influence on the maximum output current (IOUT) and efficiency (
η).
The peak current (IPK) increases by decreasing L value and the stability of the circuit improves and IOUT increases. If
L value is decreased, the efficiency falls causing a decline in the current drive capacity for the switching transistor,
and IOUT decreases.
The loss of IPK by the switching transistor decreases by increasing L and the efficiency becomes the maximum at a
certain L value. Further increasing L value decreases the efficiency due to the loss of the direct current resistance
of the coil. IOUT also decreases.
For the S-8520/8521 Series, increasing the inductance value, the output voltage may be unstable in some cases,
depending on the conditions of the input voltage, output voltage, and the load current. Perform sufficient evaluation
under the actual condition and decide an optimum inductance value.
The recommended inductances are 47
μH for A, B, C, D types and 22 μH for E, F types.
Be careful of the allowable inductor current when choosing an inductor. Exceeding the allowable current of the
inductor causes magnetic saturation, much lower efficiency and destruction of the IC chip due to a large current.
Choose an inductor so that IPK does not exceed the allowable current. IPK in continuous mode is calculated by the
following equation:
IPK = IOUT
+
(VOUT
+ VF*2 ) × (VIN − VOUT)
2
× fosc*1 × L × (VIN + VF*2)
*1.
fosc: Oscillation frequency
*2.
VF: Forward voltage of the diode
3. Diode
Use an external diode that meets the following requirements :
• Its forward voltage is low (Schottky barrier diode is recommended).
• Its switching speed is high (50 ns max.).
• Its reverse direction voltage is higher than VIN.
• Its current rating is higher than IPK.
4. Capacitors (CIN, COUT)
A capacitor for the input (CIN) improves efficiency by reducing power impedance and stabilizing the input current.
Select the CIN value according to impedance of the power supply to be used. Approximately 47 to 100
μF is
recommended for the capacitor depending on impedance of the power source and load current value.
For a capacitor for output (CL), select a large capacitance with low ESR (Equivalent Series Resistance) for
smoothing the ripple voltage. However, capacitor with extremely small ESR such as ceramic capacitor (about 0.3
Ω or less) may destabilize the output voltage, according to the conditions of input and output voltages. A
tantalum electrolyte capacitor is recommended. 47
μF to 100 μF is recommended for the capacitor.


Similar Part No. - S-8521E35MC-BLUT2x

ManufacturerPart No.DatasheetDescription
Seiko Instruments Inc
Seiko Instruments Inc
S-8521E35MC-BLU-T2 SII-S-8521E35MC-BLU-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8521E35MC-BLUT2x

ManufacturerPart No.DatasheetDescription
ABLIC Inc.
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
ABLIC Inc.
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz