Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8521E30MC-BLPT2x Datasheet(PDF) 38 Page - Seiko Instruments Inc

Part # S-8521E30MC-BLPT2x
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521E30MC-BLPT2x Datasheet(HTML) 38 Page - Seiko Instruments Inc

Back Button S-8521E30MC-BLPT2x Datasheet HTML 34Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 35Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 36Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 37Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 38Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 39Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 40Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 41Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 42Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
38
2. Ripple Voltage Characteristics: Ripple voltage (Vrip)-Input voltage (VIN) (L: CD105 / 47
μH, Tr: 2SA1213,
SBD: MA720)
(1) S-8520D30MC
(2) S-8521D30MC
(COUT = 47
μF×2)
0
40
80
120
160
200
240
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 500 mA
IOUT = 100 mA
IOUT = 0.1 mA
(COUT = 47
μF×2)
0
40
80
120
160
200
240
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 0.1 mA
IOUT = 500 mA
IOUT = 100 mA
(3) S-8520B30MC
(4) S-8521B30MC
(COUT = 22
μF×2)
0
40
80
120
160
200
240
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 0.1 mA
IOUT = 100 mA
IOUT = 500 mA
(COUT = 22
μF×2)
0
40
80
120
160
200
240
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 0.1 mA
IOUT = 500 mA
IOUT = 100 mA
(5) S-8520F33MC
(6) S-8521F33MC
(COUT = 22
μF)
0
40
80
120
160
200
240
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 500 mA
IOUT = 100 mA
IOUT = 0.1 mA
(COUT = 22
μF)
0
40
80
120
160
200
240
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 500 mA
IOUT = 100 mA
IOUT = 0.1 mA
(7) S-8520D50MC
(8) S-8521D50MC
(COUT = 47
μF×2)
0
40
80
120
160
200
240
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 0.1 mA
IOUT = 100 mA
IOUT = 500 mA
(COUT = 47
μF×2)
0
40
80
120
160
200
240
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 500 mA
IOUT = 100 mA
IOUT = 0.1 mA


Similar Part No. - S-8521E30MC-BLPT2x

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8521E30MC-BLP-T2 SII-S-8521E30MC-BLP-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8521E30MC-BLPT2x

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com