Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-8521E30MC-BLPT2x Datasheet(PDF) 35 Page - Seiko Instruments Inc

Part No. S-8521E30MC-BLPT2x
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521E30MC-BLPT2x Datasheet(HTML) 35 Page - Seiko Instruments Inc

Back Button S-8521E30MC-BLPT2x Datasheet HTML 31Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 32Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 33Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 34Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 35Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 36Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 37Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 38Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 39Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_01
S-8520/8521 Series
35
1. Efficiency Characteristics: Output current (IOUT)-Efficiency (EFFI)
(1) S-8520B30MC
(CD105 / 47
μH, TM6201)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 3.6 V
VIN = 9.0 V
(2) S-8520F33MC
(D62F / 22
μH, TM6201)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 9 V
VIN = 6 V
VIN = 4 V
(CDH113 / 22
μH, IRF7606)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 14 V
VIN = 9 V
VIN = 6 V
VIN = 4 V
(3) S-8521D30MC
(CD54 / 47
μH, TM6201)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 3.6 V
VIN = 9.0 V
(CD54 / 47
μH, IRF7606)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 3.6 V
VIN = 9.0 V
(4) S-8521B30MC
(CD105 / 47
μH, TM6201)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 3.6 V
VIN = 9.0 V
(CD105 / 47
μH, IRF7606)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 3.6 V
VIN = 9.0 V


Similar Part No. - S-8521E30MC-BLPT2x

ManufacturerPart No.DatasheetDescription
Seiko Instruments Inc
Seiko Instruments Inc
S-8521E30MC-BLP-T2 SII-S-8521E30MC-BLP-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8521E30MC-BLPT2x

ManufacturerPart No.DatasheetDescription
ABLIC Inc.
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
ABLIC Inc.
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz