Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-8521E30MC-BLPT2x Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part No. S-8521E30MC-BLPT2x
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521E30MC-BLPT2x Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S-8521E30MC-BLPT2x Datasheet HTML 15Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 16Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 17Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 18Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 19Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 20Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 21Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 22Page - Seiko Instruments Inc S-8521E30MC-BLPT2x Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_01
S-8520/8521 Series
19
5. External transistor
Enhancement (Pch) MOS FET or bipolar (PNP) MOS FET can be used for external transistor.
5. 1 Enhancement (Pch) MOS FET type
The EXT pin of the S-8520/8521 Series is capable of directly driving a Pch MOS FET with a gate capacity
around 1000 pF.
When using a Pch MOS FET, 2 to 3% higher efficiency is provided because its switching speed is faster and it
does not cause power dissipation, compared to PNP bipolar transistors.
The important parameters in selecting MOS FETs are the threshold voltage, the breakdown voltage between
gate and source, the breakdown voltage between drain and source, the total gate capacity, the on-resistance,
and the current ratings.
The EXT pin swings from voltages between VIN to VSS. If the input voltage is low, use a MOS FET with the low
threshold voltage. If the input voltage is high, use a MOS FET having the breakdown voltage between gate and
source higher several volts than the input voltage.
Immediately after the power-on or power-off (stopping the step-down operation), the input voltage will be applied
between drain and source of the MOS FET. Use the breakdown voltage between drain and source also higher
several volts than the input voltage.
The total gate capacity and the on-resistance affect efficiency.
Power dissipation when charging and discharging the gate capacity by switching operation affects efficiency, in
the area of low load current, as the total gate capacity is larger and the input voltage is higher. Select a MOS
FET with a small total gate capacity for efficiency at light load.
In the area of large load current, efficiency is affected by power dissipation caused by MOS FET’s on-resistance.
For efficiency at large load, select a MOS FET having as low on-resistance as possible.
As for the current rating, select a MOS FET having the maximum continuous drain current rating higher than IPK.
For reference, this document has the data of efficiency. TM6201 by Toyota Industries Corporation for
applications with an input voltage of 10 V or less, IRF7606 by International Rectifier Corporation Japan for
applications with an input voltage over 10 V (Refer to “ Reference Data”).


Similar Part No. - S-8521E30MC-BLPT2x

ManufacturerPart No.DatasheetDescription
Seiko Instruments Inc
Seiko Instruments Inc
S-8521E30MC-BLP-T2 SII-S-8521E30MC-BLP-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8521E30MC-BLPT2x

ManufacturerPart No.DatasheetDescription
ABLIC Inc.
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
ABLIC Inc.
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
Seiko Instruments Inc
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz