Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8540C25FN-ICKT2z Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8540C25FN-ICKT2z
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8540C25FN-ICKT2z Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8540C25FN-ICKT2z Datasheet HTML 1Page - Seiko Instruments Inc S-8540C25FN-ICKT2z Datasheet HTML 2Page - Seiko Instruments Inc S-8540C25FN-ICKT2z Datasheet HTML 3Page - Seiko Instruments Inc S-8540C25FN-ICKT2z Datasheet HTML 4Page - Seiko Instruments Inc S-8540C25FN-ICKT2z Datasheet HTML 5Page - Seiko Instruments Inc S-8540C25FN-ICKT2z Datasheet HTML 6Page - Seiko Instruments Inc S-8540C25FN-ICKT2z Datasheet HTML 7Page - Seiko Instruments Inc S-8540C25FN-ICKT2z Datasheet HTML 8Page - Seiko Instruments Inc S-8540C25FN-ICKT2z Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
4
3.
Product name list
3.1 A, B types (oscillation frequency: 600 kHz)
Table 1
Output Voltage (V)
S-8540xxxFN Series
S-8541xxxFN Series
1.5
S-8540A15FN-IAAT2z
1.6
S-8541A16FN-IGBT2z
1.8
S-8540A18FN-IADT2z
S-8541A18FN-IGDT2z
2.5
S-8540A25FN-IAKT2z
S-8541A25FN-IGKT2z
3.3
S-8540A33FN-IAST2z
S-8541A33FN-IGST2z
5.0
S-8540A50FN-IBBT2z
Feed back (1.5 to 6.0)
S-8540B00FN-IMAT2z
S-8541B00FN-IMDT2z
3.2 C,D types (oscillation frequency: 300 kHz)
Table 2
Output Voltage (V)
S-8540xxxFN Series
S-8541xxxFN Series
1.8
S-8540C18FN-ICDT2z
S-8541C18FN-IIDT2z
2.5
S-8540C25FN-ICKT2z
S-8541C25FN-IIKT2z
3.2
S-8541C32FN-IIRT2z
3.3
S-8540C33FN-ICST2z
S-8541C33FN-IIST2z
Feed back (1.5 to 6.0)
S-8540D00FN-IMBT2z
S-8541D00FN-IMET2z
Remark 1. Please consult the SII Semiconductor Corporation marketing department for products
with an output voltage other than those specified above.
2. z: G or S
3. Please select products of environmental code = U for Sn 100%, halogen-free
products.


Similar Part No. - S-8540C25FN-ICKT2z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540C25FN-ICKT2G SII-S-8540C25FN-ICKT2G Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8540C25FN-ICKT2z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com