Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8533A30AFT-TB-x Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8533A30AFT-TB-x
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8533A30AFT-TB-x Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8533A30AFT-TB-x Datasheet HTML 5Page - Seiko Instruments Inc S-8533A30AFT-TB-x Datasheet HTML 6Page - Seiko Instruments Inc S-8533A30AFT-TB-x Datasheet HTML 7Page - Seiko Instruments Inc S-8533A30AFT-TB-x Datasheet HTML 8Page - Seiko Instruments Inc S-8533A30AFT-TB-x Datasheet HTML 9Page - Seiko Instruments Inc S-8533A30AFT-TB-x Datasheet HTML 10Page - Seiko Instruments Inc S-8533A30AFT-TB-x Datasheet HTML 11Page - Seiko Instruments Inc S-8533A30AFT-TB-x Datasheet HTML 12Page - Seiko Instruments Inc S-8533A30AFT-TB-x Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8533 Series
9
Operation
1. Synchronous PWM Control Step-down DC-DC Converter
1. 1 Synchronous Rectification
A synchronous rectifying DC-DC converter enables a greater reduction in the power consumption of the external
rectifying element compared with a conventional DC-DC converter. In addition, incorporating a P and N feed-
through prevention circuit reduces the feed-through current during operation of external transistors (P-channel and
N-channel), making the operating power consumption extremely low.
1. 2 PWM Control
The S-8533 Series is a DC-DC converter that uses pulse width modulation (PWM) and is characterized by its low
current consumption.
In conventional modulation PFM system DC-DC converters, pulses are skipped when they are operated with a low
output load current, causing variations in the ripple frequency of the output voltage and an increase in the ripple
voltage. Both of these effects constitute inherent drawbacks to those converters.
In the S-8533 Series, the pulse width varies in the range from 0 to 100% according to the load current, yet the ripple
voltage produced by the switching can easily be eliminated by a filter since the switching frequency is always
constant. When the pulse width is 0% (when there is no load or the input voltage is high), current consumption is
low since pulses are skipped.
2. Soft-Start Function
The S-8533 Series has a built-in soft-start circuit.
This circuit enables the output voltage (VOUT) to rise gradually over the specified soft-start time (tSS) to suppress the
overshooting of the output voltage, when the power is switched on or the ON/OFF pin is set “H”.
The soft-start time can be set with an external capacitance (CSS).
The time needed for the output voltage to reach 95% of the set output voltage value is calculated by the following
formula.
tSS [ms] = 0.002
× CSS [pF]
0
10
20
30
40
50
60
0
5000
10000
15000
20000
External capacitance (CSS) [pF]
Figure 7 Soft-Start Time
The value for CSS should be selected to give enough margin to the soft-start time against the power supply rise
time. If the soft-start time is short, possibility for output voltage overshoot, input current rush, and malfunction of the
IC increases.


Similar Part No. - S-8533A30AFT-TB-x

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8533A30AFT-TB-X ABLIC-S-8533A30AFT-TB-X Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
More results

Similar Description - S-8533A30AFT-TB-x

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Linear Technology
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A-1 LINER-LTC3851A-1_15 Datasheet
436Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A_15 Datasheet
440Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851_15 Datasheet
335Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851-1 LINER-LTC3851-1 Datasheet
342Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com