Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8333CBHA-I8T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8333CBHA-I8T1U
Description  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBHA-I8T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8333CBHA-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8333CBHA-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8333CBHA-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8333CBHA-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8333CBHA-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8333CBHA-I8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8333CBHA-I8T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8333CBHA-I8T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8333CBHA-I8T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
10
Operation
1. Switching control method
1. 1 PWM control
The S-8333 Series is a DC-DC converter using a pulse width modulation method (PWM).
The pulse width of the S-8333 Series varies from 0% to the maximum duty set by RDuty depending on the load
current, but its switching frequency does not change. Consequently, the ripple voltage generated from switching
can be removed easily via a filter.
2. Soft-start function
For this IC, the built-in soft-start circuit controls the rush current and overshoot of the output voltage when
powering on. Reference voltage adjustment and maximum duty control methods are adopted as the soft-start
methods. The following describes the soft-start function at power application.
In the circuit where the input voltage is not directly output at shutdown by inserting a switch (SW) between the
diode (SD) and VOUT output, the VOUT voltage when the VIN voltage is applied with the SW OFF stays 0 V.
Therefore, the voltage of the FB pin stays 0 V and the EXT output is in the step up status between the “H” and “L”
levels due to the maximum duty. The maximum duty at this time is approximately 7% and the rush current at
power application is controlled. The maximum duty soft start is accomplished by gradually increasing the duty
width up to the maximum duty set by the external resistor RDuty (refer to Figure 8).
The reference voltage of the error amplifier input also gradually increases from 0 V at the same time as the
maximum duty soft start. The increasing of the output voltage is controlled by turning the SW ON. The soft-start
function is realized by controlling the voltage of the FB pin so that it is the same potential as the reference voltage
that is slowly raised. A Rail-to-Rail amplifier is adopted as the error amplifier, which means that the voltage is
loop controlled so that it can be the same as the reference voltage.
Once the reference voltage rises, the voltage cannot be reset (the reference voltage is 0 V) unless making the
power supply voltage lower than the UVLO detection voltage. Conversely, when the power supply voltage rises
up to the reset voltage after it is lowered to the UVLO detection voltage or lower, the output voltage is stepped up
by the soft-start function.
PWM
Comparator
VOUT
RFB2
RFB1
FB
SD
L
VIN
EXT
CC
RZ
CZ
M1
+
CL
Error amplifier
Vref
0.5 V
0 V
+
Error amplifier
reference voltage
SW
Figure 7


Similar Part No. - S-8333CBHA-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8333CBHA-T8T1S SII-S-8333CBHA-T8T1S Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333CBHA-T8T1U SII-S-8333CBHA-T8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8333CBHA-I8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com