Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8550AA-M5T1G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8550AA-M5T1G
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8550AA-M5T1G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8550AA-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8550AA-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8550AA-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8550AA-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-8550AA-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-8550AA-M5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-8550AA-M5T1G Datasheet HTML 12Page - Seiko Instruments Inc S-8550AA-M5T1G Datasheet HTML 13Page - Seiko Instruments Inc S-8550AA-M5T1G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550 Series
Rev.5.0_01
10
Operation Principle
The S-8550 Series is a step-down synchronous rectification switching regulator based on constant PWM control.
Figure 9 shows the basic circuit diagram.
A step-down switching regulator starts current supply by the input voltage (VIN) when the Pch power MOS FET is
turned on and holds energy in the inductor at the same time. When the Pch power MOS FET is turned off, the
current held in the inductor is released. The released current flows in the smoothing circuit, with the energy loss
held minimum, supplies the output voltage (VOUT) lower than VIN.
VOUT is kept constant by controlling the
switching frequency (fosc) and ON time (ton). With the PWM control method, VOUT is made constant by controlling
the ON time with fOSC unchanged.
L
Control
circuit
Pch power MOS FET
Nch power MOS FET
VIN
VOUT
COUT
I1
I2
Figure 9 Basic Circuit Drawing of Step-down Switching Regulator
1. Continuous mode
The following explains how the current flows to the inductor when the step-down operation is constant and
stable.
When the Pch power MOS FET is turned on, current I1 flows in the direction shown by the arrow in Figure 9,
and energy is stored in the inductor (L). When the output capacitor (COUT) is charged, supply of the output
current (IOUT) is started at the same time. The inductor current (IL) gradually increases in proportion to the ON
time (tON) of the Pch power MOS FET as shown in Figure 10 (changes from IL min. to IL max.). When the Pch
power MOS FET is turned off, the Nch power MOS FET is turned on and IL tries to hold IL max. Consequently,
current I2 flows in the direction shown by the arrow in Figure 9. As a result, IL gradually decreases and
reaches IL min. when the OFF time (tOFF) has elapsed. When tOFF has elapsed, the Nch power MOS FET is
turned off and the next cycle is entered. The above sequence is repeated.
As explained in the above, the continuous mode refers to the operation in the current cycle in which IL linearly
changes from IL min. to IL max. Even if IL min. is less than 0 A, IL min. keeps flowing (backflow current flows).
ton
toff
T = 1/fOSC
IL
IL max.
IL min.
t
Figure 10 Continuous Mode (Current Cycle of Inductor Current (IL))


Similar Part No. - S-8550AA-M5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8550AA-M5T1G SII-S-8550AA-M5T1G Datasheet
426Kb / 26P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-M5T1G SII-S-8550AA-M5T1G Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
More results

Similar Description - S-8550AA-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8550 ABLIC-S-8550 Datasheet
622Kb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_02
logo
Seiko Instruments Inc
S-8550 SII-S-8550 Datasheet
426Kb / 26P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-M5T1X SII-S-8550AA-M5T1X Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
   1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com