Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8540A15FN-IAAT2z Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S-8540A15FN-IAAT2z
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8540A15FN-IAAT2z Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S-8540A15FN-IAAT2z Datasheet HTML 14Page - Seiko Instruments Inc S-8540A15FN-IAAT2z Datasheet HTML 15Page - Seiko Instruments Inc S-8540A15FN-IAAT2z Datasheet HTML 16Page - Seiko Instruments Inc S-8540A15FN-IAAT2z Datasheet HTML 17Page - Seiko Instruments Inc S-8540A15FN-IAAT2z Datasheet HTML 18Page - Seiko Instruments Inc S-8540A15FN-IAAT2z Datasheet HTML 19Page - Seiko Instruments Inc S-8540A15FN-IAAT2z Datasheet HTML 20Page - Seiko Instruments Inc S-8540A15FN-IAAT2z Datasheet HTML 21Page - Seiko Instruments Inc S-8540A15FN-IAAT2z Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
18
Standard Circuits
1. Fixed output voltage (Pch MOS FET)
+
+
+
L
SD
RSENSE
Tr
VIN
CIN
SENSE
VREF
=1.0 V
PWM, PWM/PFM
switching control
circuit
Shutdown soft start
circuit
125mV
Error amplifier
PWM comparator
Triangular wave
oscillation circuit
Phase
compensation
circuit
Power for IC
VIN
EXT
COUT
VSS
VOUT
CVREF
VON/OFF
ON/OFF
One point ground
Voltage/current
reference
Figure 13
2. Feed back type (Pch MOS FET)
L
SD
RSENSE
Tr
VIN
CIN
SENSE
+
VREF=1.0 V
125mV
VIN
EXT
+
+
COUT
VSS
VOUT
CFB
RB
RA
FB
PWM, PWM/PFM
switching control
circuit
Shutdown
soft start
circuit
Error amplifier
PWM comparator
Triangular wave
oscillation circuit
Phase
compensation
circuit
Power for IC
Voltage/current
reference
CVREF
VON/OFF
ON/OFF
One point ground
Figure 14
Caution The above connection diagram and constant will not guarantees successful operation.
Perform through evaluation using the actual application to set the constant.


Similar Part No. - S-8540A15FN-IAAT2z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540A15FN-IAAT2Z SII-S-8540A15FN-IAAT2Z Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8540A15FN-IAAT2z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com