Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8540 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 13Page - Seiko Instruments Inc S8540 Datasheet HTML 14Page - Seiko Instruments Inc S8540 Datasheet HTML 15Page - Seiko Instruments Inc S8540 Datasheet HTML 16Page - Seiko Instruments Inc S8540 Datasheet HTML 17Page - Seiko Instruments Inc S8540 Datasheet HTML 18Page - Seiko Instruments Inc S8540 Datasheet HTML 19Page - Seiko Instruments Inc S8540 Datasheet HTML 20Page - Seiko Instruments Inc S8540 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8540/8541 Series
17
5. 2 Bipolar (PNP) transistor
Figure 12
shows a circuit diagram using Toshiba Corporation 2SA1213-Y for the bipolar transistor
(PNP). Using a bipolar transistor, the driving capacity for increasing the output current is determined
by the hFE value and the Rb value.
VIN
EXT
2SA1213-Y
VIN
Rb
Cb
Figure 12
The Rb value is given by the following equation:
EXTL
IN
I
0.4
I
0.7
V
R
b
b
=
Calculate the necessary base current Ib using the hFE value of the bipolar transistor from the relation,
Ib = IPK/hFE, and select a smaller value for Rb which is calculated from the above equation.
A small Rb value will certainly contribute to increase the output current, but it will also decrease the
efficiency. Determine the optimum value through experiment since the base current flows as pulses
and voltage drop may takes place due to the wiring resistance and so on.
In addition, if speed-up capacitor Cb is inserted in parallel with resistance Rb, as shown in Figure 12,
the switching loss will be reduced, leading to a higher efficiency.
by using the following equation :
0.7
f
R
2
1
C
OSC
b
b
×
×
×
π
Select a Cb value after performing sufficient evaluation since the optimum Cb value differs depending
upon the characteristics of the bipolar transistor.


Similar Part No. - S8540

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8543 HAMAMATSU-S8543 Datasheet
123Kb / 2P
   One-dimensional PSD Long, narrow active area and surface mountable package
More results

Similar Description - S8540

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com