Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8520 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S8520
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8520 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S8520 Datasheet HTML 12Page - Seiko Instruments Inc S8520 Datasheet HTML 13Page - Seiko Instruments Inc S8520 Datasheet HTML 14Page - Seiko Instruments Inc S8520 Datasheet HTML 15Page - Seiko Instruments Inc S8520 Datasheet HTML 16Page - Seiko Instruments Inc S8520 Datasheet HTML 17Page - Seiko Instruments Inc S8520 Datasheet HTML 18Page - Seiko Instruments Inc S8520 Datasheet HTML 19Page - Seiko Instruments Inc S8520 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
16
Selection of Products and External Parts
1. Method for selecting series products
The S-8520/8521 Series is classified into 12 types, according to the control systems (PWM control and PWM / PFM
switching control), the different oscillation frequencies, and set-up of an overload protection circuit. Please select
the type for your application according to the following features.
1. 1 Control systems
Two different control systems are available: PWM control system (S-8520 Series) and PWM / PFM switching
control system (S-8521 Series).
For applications for which the load current greatly differs between standby and operation, if the efficiency during
standby is important, applying the PWM/PFM switching system (S-8321 Series) realizes high efficiency during
standby.
For applications for which switching noise is critical, applying the PWM control system (S-8320 Series) whereby
switching frequency does not change due to load current allows the ripple voltage to be easily suppressed by
using a filter.
1. 2 Oscillation frequencies
Either oscillation frequency, 180 kHz (A and B types), 60 kHz (C and D types), or 300 kHz (E and F types), can
be selected.
The A, B, E and F types have high oscillation frequency, how ripple voltage and excellent transient response
characteristics. A small inductance can be used for these types because the peak current is low when inducing
the same load current. Use of small output capacitors is effective for downsizing devices.
The C and D types, whereby lower oscillation frequency realizes smaller self-consumption current, are highly
efficient under light loads. In particular, the D type, when combined with a PWM/PFM switching control system,
drastically improves the operation efficiency when the output load current is approximately 100 mA.


Similar Part No. - S8520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S852T VISHAY-S852T Datasheet
179Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 02-May-05
S852T VISHAY-S852T Datasheet
281Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T VISHAY-S852T Datasheet
281Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T VISHAY-S852T Datasheet
282Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T-GS08 VISHAY-S852T-GS08 Datasheet
282Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
More results

Similar Description - S8520

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com