Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8520 Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S8520
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8520 Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S8520 Datasheet HTML 11Page - Seiko Instruments Inc S8520 Datasheet HTML 12Page - Seiko Instruments Inc S8520 Datasheet HTML 13Page - Seiko Instruments Inc S8520 Datasheet HTML 14Page - Seiko Instruments Inc S8520 Datasheet HTML 15Page - Seiko Instruments Inc S8520 Datasheet HTML 16Page - Seiko Instruments Inc S8520 Datasheet HTML 17Page - Seiko Instruments Inc S8520 Datasheet HTML 18Page - Seiko Instruments Inc S8520 Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_01
S-8520/8521 Series
15
4. Overload protection circuit (A, C, E types)
The A, C and E types of the S-8520/8521 Series have a built-in overload protection circuit.
If the output voltage drops under the overload status, the maximum duty status (100%) continues. If this 100% duty
status lasts longer than the overload detection time (tpro), the circuit keeps the EXT pin at “H” to protect the
switching transistor and inductor. When the overload protection circuit is functioning, the soft start works in the IC
for the reference voltage, and the reference voltage rises slowly from 0 V. The reference voltage and the feedback
voltage obtained by dividing the output voltage are compared to each other. While the reference voltage is low, the
EXT pin keeps “H” and oscillation stops. If the reference voltage rises and exceeds the feedback voltage, oscillation
restarts.
After oscillation is restarted, if a load is heavy and the EXT pin keeps the “L” level longer than the overload
detection time (tpro), the circuit operates again, and the IC enters the intermittent operation mode by repeating the
action described above. Once the overload state is off, the IC restarts the normal operation.
Waveforms
at EXT pin
Protection circuit ON
[tss
× 0.3]
Overload detection time (tpro)
Figure 10 Waveforms at EXT pin when the overload protection circuit operates
5. 100% duty cycle
The S-8520/8521 Series operates with a maximum duty cycle of 100%. When using the B, D and F types products,
which do not have the overload protection circuit, the switching transistor keeps ON continually to supply current to
the load, even in cases where the input voltage drops to the set value of output voltage or less. The output voltage
in this case is; the voltage subtracting both of the inductance’s DC resistance and the voltage drop by the switching
resistor’s ON-resistance, from the input voltage.
The A, C and E types that have the overload protection circuit cannot be used for continually supplying current to
the load, as described above, because these types enter the intermittent operation mode by the overload protection
circuit’s operation, when 100% duty lasts longer than the overload detection time (tpro).


Similar Part No. - S8520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S852T VISHAY-S852T Datasheet
179Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 02-May-05
S852T VISHAY-S852T Datasheet
281Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T VISHAY-S852T Datasheet
281Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T VISHAY-S852T Datasheet
282Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T-GS08 VISHAY-S852T-GS08 Datasheet
282Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
More results

Similar Description - S8520

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com