Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8520 Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S8520
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8520 Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S8520 Datasheet HTML 24Page - Seiko Instruments Inc S8520 Datasheet HTML 25Page - Seiko Instruments Inc S8520 Datasheet HTML 26Page - Seiko Instruments Inc S8520 Datasheet HTML 27Page - Seiko Instruments Inc S8520 Datasheet HTML 28Page - Seiko Instruments Inc S8520 Datasheet HTML 29Page - Seiko Instruments Inc S8520 Datasheet HTML 30Page - Seiko Instruments Inc S8520 Datasheet HTML 31Page - Seiko Instruments Inc S8520 Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
28
(9) Output voltage (VOUT)-Input voltage (VIN)
S-8521B30MC
(Ta =
+25°C)
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
3.06
3.07
3.08
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 100 mA
IOUT = 500 mA
IOUT = 0.1 mA
S-8521B50MC
(Ta =
+25°C)
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 100 mA
IOUT = 500 mA
IOUT = 0.1 mA
S-8521F33MC
(Ta =
+25°C)
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
3.37
3.38
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 0.1 mA
IOUT = 100 mA
IOUT = 500 mA
S-8521F50MC
(Ta =
+25°C)
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
2
4
6
8
10
12
14
16
VIN [V]
IOUT = 100 mA
IOUT = 500 mA
IOUT = 0.1 mA


Similar Part No. - S8520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S852T VISHAY-S852T Datasheet
179Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 02-May-05
S852T VISHAY-S852T Datasheet
281Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T VISHAY-S852T Datasheet
281Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T VISHAY-S852T Datasheet
282Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T-GS08 VISHAY-S852T-GS08 Datasheet
282Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
More results

Similar Description - S8520

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com