Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8365AABBA-I6T1U2 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8365AABBA-I6T1U2
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8365AABBA-I6T1U2 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8365AABBA-I6T1U2 Datasheet HTML 1Page - Seiko Instruments Inc S-8365AABBA-I6T1U2 Datasheet HTML 2Page - Seiko Instruments Inc S-8365AABBA-I6T1U2 Datasheet HTML 3Page - Seiko Instruments Inc S-8365AABBA-I6T1U2 Datasheet HTML 4Page - Seiko Instruments Inc S-8365AABBA-I6T1U2 Datasheet HTML 5Page - Seiko Instruments Inc S-8365AABBA-I6T1U2 Datasheet HTML 6Page - Seiko Instruments Inc S-8365AABBA-I6T1U2 Datasheet HTML 7Page - Seiko Instruments Inc S-8365AABBA-I6T1U2 Datasheet HTML 8Page - Seiko Instruments Inc S-8365AABBA-I6T1U2 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365/8366 Series
Rev.2.1_01
4
Product Name Structure
Users can select the control system, oscillation frequency, short-circuit protection, UVLO function, packages for the
S-8365/8366 Series. Refer to “1. Product name” regarding the contents of product name, “2. Packages” regarding
the package drawings and “3. Product list” regarding the product type.
1. Product name
(1) SNT-6A
S-836 x A x x x x - I6T1 U 2
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package name (abbreviation) and IC packing specification
*1
I6T1: SNT-6A, Tape
OFF
ON/
pin pull-down
A:
Unavailable
B:
Available
UVLO function
A:
Unavailable
B:
Available
Short-circuit protection
A:
Unavailable
B:
Available
Oscillation frequency
A:
1.2 MHz
B:
600 kHz
Control system
5:
PWM control
6:
PWM / PFM switching control
*1. Refer to the tape drawing.


Similar Part No. - S-8365AABBA-I6T1U2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365AABBA-I6T1U2 ABLIC-S-8365AABBA-I6T1U2 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
More results

Similar Description - S-8365AABBA-I6T1U2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com